Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation ATR0621 Datasheet HTML 19Page - ATMEL Corporation ATR0621 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
4890AS–GPS–09/05
ATR0621 [Preliminary]
9.
Package LFBGA100
8.
Ordering Information
Extended Type Number
Package
Remarks
ATR0621-7FQY
LFBGA100
9 mm
× 9 mm, 0.80 mm pitch, Pb-free
specifications
according to DIN
technical drawings
Package: R-LFGBA 100_G
Dimensions in mm
∅ 0.08 M
A
B
C
9±0.05
7.2
0.8
A
C
C
0.2
C
C
0.12
0.15 (4x)
B
Seating plane
Bottom View
Top View
A1 Corner
A1 Corner
1
A
B
C
D
E
F
G
H
J
K
A
E
D
C
B
2345
678910
10 9 8 7 6 5 43 21
Issue: 1; 02.09.05
Drawing-No.: 6.580-5003.01-4
∅ 0.15 M
∅ 0.38 ... 0.48 (100x)
F
K
J
H
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com