Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
4890AS–GPS–09/05
ATR0621 [Preliminary]
The following settings apply if GPSMODE configuration is not enabled, that is, GPSMODE = 0
(ROM-Defaults):
3.3.4
USB Power Mode
For correct response to the USB host queries, the device has to know its power mode. This is
configured via GPSMODE7. If set to bus powered, an upper current limit of 100 mA is reported
to the USB host; that is, the device classifies itself as a “low-power bus-powered function” with
no more than one USB power unit load.
Table 3-9.
Supported Messages at Setting High
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST
Proprietary
PUBX00, PUBX03, PUBX04
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK
MON
SCHD, IO, IPC
Table 3-10.
Supported Messages at Setting Debug (Additional Undocumented Message
May be Part of Output Data)
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST
Proprietary
PUBX00, PUBX03, PUBX04
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK
MON
SCHD, IO, IPC
RXM
RAW (RAW message support requires an additional license)
Table 3-11.
Serial I/O Default Setting if GPSMODE Configuration is Deselected
(GPSMODE0 = 0)
USART1/USB
NMEA
USART2
UBX
Baud Rate (kBaud)
57.6, Auto enabled
57.6, Auto enabled
Input Protocol
UBX, NMEA, RTCM
UBX, NMEA, RTCM
Output Protocol
NMEA
UBX
Messages
GGA, RMC, GSA, GSV
NAV: SOL, SVINFO
Information Messages
(UBX INF or NMEA TXT)
User, Notice, Warning, Error
User, Notice, Warning, Error
Table 3-12.
USB Power Modes
GPSMODE7 (Reset = PU) Description
0
USB device is bus-powered (max. current limit 100 mA)
1
USB device is self-powered (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com