Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation ATR0621 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
4890AS–GPS–09/05
ATR0621 [Preliminary]
Table 3-15.
Recommended Pin Connection
Pin Name
Recommended External Circuit
P0/NANTSHORT
Internal pull-down resistor; can be left open.
P1/GPSMODE0
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if configured as output by user application. If
this pin is left open, the GPSMODE pin configuration feature must be completely disabled by user
application.
P2/BOOT_MODE
Internal pull-down resistor, leave open.
P3/NCS1
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P4/NCS0
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P5/NWE/NWR0
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P6/NOE/NRD
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P7/NUB/NWR1
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P8/STATUSLED
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P9/EXTINT0
Pull-up resistor to VDD18 or pull-down resistor to GND or connect to GND or VDD18 if unused. Never
leave open.
P10/EM_A0/NLB
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P11/EM_A21
Pull-up resistor to VDD18 or pull-down resistor to GND (this pin is used as address line EM_A21 by
standard firmware, do not connect to GND or VDD18 directly). Never leave open.
P12/NCS2/GPSMODE2
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application, or connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P13/EXTINT1/GPSMODE3/
NCS3
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application, or connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in section “Setting
GPSMODE0 to GPSMODE12” on page 10. Never leave open.
P14/SCK0/GPSMODE4
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P15/ANTON
Internal pull-down resistor; can be left open.
P16/NWD_OVF
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
P17/SCK1/GPSMODE5
Pull-up resistor to VDD18 or pull-down resistor to GND if used as input by user application; connect to
GND or VDD18 if unused or used as GPSMODE pin only. See GPSMODE definitions in “Setting
GPSMODE0 to GPSMODE12” on page 10. Can be left open if not used as GPSMODE pin and
configured as output by user application.
P18/TXD1
Output in default ROM firmware: leave open; only needs pull-up resistor to VDD18 or pull-down resistor
to GND if used as GPIO input by user application and not always driven from external sources.
Note:
“Never leave open” means: This pin needs a defined level, even if VDD18 is not supplied and system is in backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com