Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation ATR0621 Datasheet HTML 19Page - ATMEL Corporation ATR0621 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
4890AS–GPS–09/05
ATR0621 [Preliminary]
4.
Oscillator
Figure 4-1.
Crystal Connection
32 kHz
Crystal
Oscillator
XT_IN
XT_OUT
ATR0621 internal
32.768 kHz clock
RTC
32.768 kHz
50 ppm
max.
25 pF
max.
25 pF
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Min.
Max.
Unit
Operating Free Air Temperature Range
–40
+85
°C
Storage Temperature
–60
+150
°C
DC Supply Voltage
VDD18
–0.3
+1.95
V
DC Supply Voltage
VDDIO
–0.3
+1.95
V
DC Supply Voltage
VDD_USB
–0.3
+3.6
V
DC Supply Voltage
LDO_IN
–0.3
+3.6
V
DC Supply Voltage
LDOBAT_IN
–0.3
+3.6
V
DC Supply Voltage
VBAT
–0.3
+3.6
V
DC Input Voltage
EM_DA0 to EM_DA15, P0,
P3 to P7, P10, P11, P15,
P28, P30, SIGHI, SIGLO,
CLK23, XT_IN, TMS, TCK,
TDI, NTRST, DBG_EN,
LDO_EN, NRESET
–0.3
+1.95
V
DC Input Voltage
USB_DM, USB_DP
–0.3
+3.6
V
DC Input Voltage
P1, P2, P8, P9, P12 to P14,
P16 to P27, P29, P30
–0.3
+5.0
V
Note:
Minimum/maximum limits are at +25°C ambient temperature, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com