Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation ATR0621 Datasheet HTML 19Page - ATMEL Corporation ATR0621 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
4890AS–GPS–09/05
ATR0621 [Preliminary]
6.
Power Consumption
Mode
Conditions
Typ.
Unit
Sleep
At 1.8V, no CLK23
0.065(1)
mA
Shutdown
RTC and backup SRAM only
0.007(1)
mA
Normal
Satellite acquisition
25
mA
Normal tracking on 6 channels with 1 fix/s; each additional active tracking channel adds 0.5 mA
14
mA
All channels disabled
11
mA
Note:
1. Specified value only
7.
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
DC Supply Voltage Core
VDD18
VDD18
1.65
1.8
1.95
V
1.2
DC Supply Voltage
VDDIO Domain(1)
VDDIO
VDDIO
1.65
1.8/3.3
3.6
V
1.3
DC Supply Voltage USB(2)
VDD_USB
VDDUSB
3.0
3.3
3.6
V
1.4
DC Supply Voltage
Backup Domain(3)
VBAT18
VBAT18
1.65
1.8
1.95
V
1.5
DC Output Voltage
VDD18
V
O,18
0VDD18
V
1.6
DC Output Voltage VDDIO
VO,IO
0
VDDIO
V
1.7
Low-level Input Voltage
VDD18 Domain
VDD18 = 1.65V to 1.95V
V
IL,18
–0.3
0.3
×
VDD18
V
1.8
High-level Input Voltage
VDD18 Domain
VDD18 = 1.65V to 1.95V
VIH,18
0.7
×
VDD18
VDD18 +
0.3
V
1.9
Low-level Input Voltage
VDDIO Domain
VDDIO = 1.65V to 3.6V
V
IL,IO
–0.3
0.3
×
VDDIO
V
1.10
High-level Input Voltage
VDDIO Domain
VDDIO = 1.65V to 3.6V
VIH,IO
0.7
×
VDDIO
5.0
V
1.11
Low-level Input Voltage
VBAT18 Domain
VBAT18 = 1.65V to
1.95V
P9, P13,
P22, P31
VIL,BAT
–0.3
0.41
V
1.12
High-level Input Voltage
VBAT18 Domain
VBAT18 = 1.65V to
1.95V
P9, P13,
P22, P31
V
IH,BAT
1.46
5.0
V
1.13
Low-level Input Voltage
USB
VDD_USB = 3.0V to
3.6V
DP, DM
VIL,USB
–0.3
0.8
V
1.14
High-level Input Voltage
USB
VDD_USB = 3.0V to
3.6V
DP, DM
VIH,USB
2.0
VDD_USB
+ 0.3
V
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. VDDIO is the supply voltage for the following GPIO-pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
2. Values defined for operating the USB interface. Otherwise VDD_USB may be connected to 1.8V or 0V supply.
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com