Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
4890AS–GPS–09/05
ATR0621 [Preliminary]
3.3.3
Serial I/O Configuration
The ATR0621 features a two-stage I/O message and protocol selection procedure for the two
available serial ports. At the first stage, a certain protocol can be enabled or disabled for a
given USART port. Selectable protocols are RTCM, NMEA and UBX. At the second stage,
messages can be enabled or disabled for each enabled protocol on each port. In all configura-
tions discussed below, all protocols are enabled on all ports. But output messages are
enabled in a way that ports appear to communicate at only one protocol. However, each port
will accept any input message in any of the three implemented protocols.
Both USART ports accept input messages in all three supported protocols (NMEA, RTCM and
UBX) at the configured baud rate. Input messages of all three protocols can be arbitrarily
mixed. Response to a query input message will always use the same protocol as the query
input message.
In Auto Mode, no output message is sent out by default, but all input messages are accepted
at any supported baud rate. Response to query input commands will be given the same proto-
col and baud rate as it was used for the query command. Using the respective configuration
commands, periodic output messages can be enabled.
The following message settings are used in Table 3-6:
Table 3-6.
Serial I/O Configuration
GPSMODE12
(Reset = PU)
GPSMODE6
(Reset = PU)
GPSMODE5
(Reset = PD)
USART1
(Output Protocol/
Baud Rate (kBaud))
USART2
(Output Protocol/
Baud Rate (kBaud)) Messages
Information Messages
0
0
0
UBX/57.6
NMEA/19.2
High
User, Notice, Warning, Error
0
0
1
UBX/38.4
NMEA/9.6
Medium
User, Notice, Warning, Error
0
1
0
UBX/19.2
NMEA/4.8
Low
User, Notice, Warning, Error
0
1
1
–/Auto
–/Auto
Off
None
1
0
0
NMEA/19.2
UBX/57.6
High
User, Notice, Warning, Error
1
0
1
NMEA/4.8
UBX/19.2
Low
User, Notice, Warning, Error
1
1
0
NMEA/9.6
UBX/38.4
Medium
User, Notice, Warning, Error
1
1
1
UBX/115.2
NMEA/19.2
Debug
All
Table 3-7.
Supported Messages at Setting Low
NMEA Port
Standard
GGA, RMC
UBX Port
NAV
SOL, SVINFO
Table 3-8.
Supported Messages at Setting Medium
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com