Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
4890AS–GPS–09/05
ATR0621 [Preliminary]
3.3.5
Active Antenna Supervisor
If GPSMODE configuration is enabled, the two pins P0/NANTSHORT and P15/ANTON, plus
one pin of P25/NAADET0/MISO or P14/NAADET1 are initialized as general purpose I/Os and
used as follows:
• P15/ANTON is an output which can be used to switch on and off the antenna power supply.
• Input P0/NANTSHORT will indicate an antenna short circuit, that is, zero DC voltage at the
antenna, to the firmware. If the antenna is switched off by output P15/ANTON, it is
assumed that also input P0/NANTSHORT will signal zero DC voltage, that is, switch to its
active low state.
• Input P25/NAADET0/MISO or P14/NAADET1 will indicate that a DC current is sunk into
the antenna. In case of short circuit, both P0 and P25/P14 will be active, that is, at low
level. If the antenna is switched off by output P15/ANTON, it is assumed that input
P25/NAADET0/MISO will also signal zero DC current, that is, switch to its active low state.
Which pin is used as NAADET (P14 or P25) depends on the settings of GPSMODE11 and
GPSMODE10 (Table 3-14).
Table 3-13.
Pin Usage of Active Antenna Supervisor
Pin
Usage
Meaning
P0/NANTSHORT
NANTSHORT
Active antenna short circuit detection
High = No antenna DC short circuit present
Low = Antenna DC short circuit present
P25/NAADET0/
MISO or
P14/NAADET1
NAADET
Active antenna detection input
High = No active antenna present
Low = Active antenna is present
P15/ANTON
ANTON
Active antenna power on output
High = Power supply to active antenna is switched on
Low = Power supply to active antenna is switched off
Table 3-14.
Antenna Detection I/O Settings
GPSMODE11
(Reset = PU)
GPSMODE10
(Reset = PU)
GPSMODE9
(Reset = PU) Location of NAADET
Comment
0
0
0
P25/NAADET0/MISO
0
0
1
P25/NAADET0/MISO
0
1
0
P14/NAADET1
Reserved for further use. Do
not use this setting.
0
1
1
P14/NAADET1 (Default)
1
0
0
P14/NAADET1
Reserved for further use. Do
not use this setting.
1
0
1
P14/NAADET1
Reserved for further use. Do
not use this setting.
1
1
0
P25/NAADET0/MISO
1
1
1
P25/NAADET0/MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com