Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0621 Datasheet HTML 1Page - ATMEL Corporation ATR0621 Datasheet HTML 2Page - ATMEL Corporation ATR0621 Datasheet HTML 3Page - ATMEL Corporation ATR0621 Datasheet HTML 4Page - ATMEL Corporation ATR0621 Datasheet HTML 5Page - ATMEL Corporation ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
4890AS–GPS–09/05
ATR0621 [Preliminary]
1.
Description
The GPS baseband processor ATR0621 includes a 16-channel GPS correlator and is based
on the ARM7TDMI® processor core.
This processor has a high-performance 32-bit RISC architecture and very low power con-
sumption. In addition, a large number of internally banked registers result in very fast
exception handling, making the device ideal for real-time control applications. The ATR0621
has a USB device port. This port is compliant with the Universal Serial Bus (USB) V2.0 full-
speed device specification. The ATR0621 has a direct connection to off-chip memory, includ-
ing Flash, through the External Bus Interface (EBI).
The ATR0621 includes full GPS firmware, licensed from u-blox AG, which performs the basic
GPS operation, including tracking, acquisition, navigation and position data output. For normal
PVT (Position/Velocity/Time) applications, there is no need for off-chip Flash memory or ROM.
In order to be able to store configuration settings, connecting a serial EEPROM is supported.
For customer-specific applications, a Software Development Kit is available.
The ATR0621 is manufactured using the Atmel high-density CMOS technology. By combining
the ARM7TDMI microcontroller core with on-chip SRAM, 16-channel GPS correlator and a
wide range of peripheral functions on a monolithic chip, the ATR0621 provides a highly-flexi-
ble and cost-effective solution for GPS applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com