Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
4890AS–GPS–09/05
ATR0621 [Preliminary]
3.3
Setting GPSMODE0 to GPSMODE12
The start-up configuration of a ROM-based system without external non-volatile memory is
defined by the status of the GPSMODE pins after system reset. Alternatively, the system can
be configured through message commands passed through the serial interface after start-up.
If Flash memory is available, configuration data can be stored in Flash memory. If EEPROM
memory is connected, configuration data can be stored in EEPROM. Default designates set-
tings used by ROM firmware if GPSMODE configuration is disabled (GPSMODE0 =0).
3.3.1
Enable GPSMODE Pin Configuration
3.3.2
Sensitivity Settings
Table 3-3.
GPSMODE Functions
Pin
Function
GPSMODE0
Enable configuration with GPSMODE pins
GPSMODE1
This pin is used for FixNow functionality and not used for GPSMODE configuration
GPSMODE2
GPS sensitivity settings
GPSMODE3
GPSMODE4
This pin (NAADET1) is used as active antenna supervisor input and not used for
GPSMODE configuration
GPSMODE5
Serial I/O configuration
GPSMODE6
GPSMODE7
USB Power Mode
GPSMODE8
General I/O Configuration
GPSMODE9
This pin (NAADET0) is used as active antenna supervisor input and not used for
GPSMODE configuration
GPSMODE10
General I/O Configuration
GPSMODE11
GPSMODE12
Serial I/O configuration
Table 3-4.
Enable Configuration with GPSMODE Pins
GPSMODE0
(Reset = PD) Description
0
Ignore all GPSMODE pins. The default settings as indicated below are used
1
Use settings as specified with GPSMODE[2, 3, 5 to 8, 10 to12]
Table 3-5.
GPS Sensitivity Settings
GPSMODE3
(Fixed PU)
GPSMODE2
(Reset = PU) Description
0
0
Auto mode
0
1
Fast mode
1
0
Normal mode (Default)
1
1
High sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com