Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0621 Datasheet HTML 1Page - ATMEL Corporation ATR0621 Datasheet HTML 2Page - ATMEL Corporation ATR0621 Datasheet HTML 3Page - ATMEL Corporation ATR0621 Datasheet HTML 4Page - ATMEL Corporation ATR0621 Datasheet HTML 5Page - ATMEL Corporation ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
4890AS–GPS–09/05
ATR0621 [Preliminary]
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinout LFBGA100 (Top View)
ATR0621
1
2
3
4
5
6
7
8
9
10
AB C D EF G H J K
Table 3-1.
ATR0621 Pinout
Pin Name
LFBGA100
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
CLK23
G9
IN
DBG_EN
H4
IN
PD
EM_A1
A6
OUT
EM_A2
A5
OUT
EM_A3
A4
OUT
EM_A4
A2
OUT
EM_A5
A3
OUT
EM_A6
B5
OUT
EM_A7
B4
OUT
EM_A8
B2
OUT
EM_A9
D4
OUT
EM_A10
C2
OUT
EM_A11
D6
OUT
EM_A12
D7
OUT
EM_A13
C3
OUT
EM_A14
C1
OUT
EM_A15
D5
OUT
EM_A16
C6
OUT
EM_A17
F8
OUT
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
3. VDD_USB is the supply voltage for the following USB pins: USB_DM and USB_DP. For operation of the USB interface, sup-
ply of 3.0V to 3.6V is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com