Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 2Page - ATMEL Corporation ATR0621 Datasheet HTML 3Page - ATMEL Corporation ATR0621 Datasheet HTML 4Page - ATMEL Corporation ATR0621 Datasheet HTML 5Page - ATMEL Corporation ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
4890AS–GPS–09/05
ATR0621 [Preliminary]
EM_A18
B3
OUT
EM_A19
C5
OUT
EM_DA0
B6
I/O
PD
EM_DA1
B10
I/O
PD
EM_DA2
C7
I/O
PD
EM_DA3
C10
I/O
PD
EM_DA4
D10
I/O
PD
EM_DA5
E7
I/O
PD
EM_DA6
E9
I/O
PD
EM_DA7
B7
I/O
PD
EM_DA8
B8
I/O
PD
EM_DA9
A9
I/O
PD
EM_DA10
C8
I/O
PD
EM_DA11
B9
I/O
PD
EM_DA12
D8
I/O
PD
EM_DA13
C9
I/O
PD
EM_DA14
D9
I/O
PD
EM_DA15
E8
I/O
PD
GND
A1
IN
GND
A10
IN
GND
K1
IN
GND
K10
IN
LDOBAT_IN
K8
IN
LDO_EN
H7
IN
LDO_IN
K7
IN
LDO_OUT
H6
OUT
NRESET
C4
I/O
Open Drain PU
NSHDN
G7
OUT
NSLEEP
J6
OUT
NTRST
K2
IN
PD
P0
K9
I/O
PD
NANTSHORT
P1
G3
I/O
Configurable (PD)
GPSMODE0
AGCOUT1
P2
G4
I/O
Configurable (PD)
BOOT_MODE
“0”
CLK32K
P3
H5
I/O
OH
NCS1
NCS1
“0”
P4
A7
I/O
OH
NCS0
NCS0
“0”
P5
B1
I/O
OH
NWE/NWR0
NWE/NWR0
“0”
Table 3-1.
ATR0621 Pinout (Continued)
Pin Name
LFBGA100
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
3. VDD_USB is the supply voltage for the following USB pins: USB_DM and USB_DP. For operation of the USB interface, sup-
ply of 3.0V to 3.6V is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com