Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 101Page - STMicroelectronics STPM32_V01 Datasheet HTML 102Page - STMicroelectronics STPM32_V01 Datasheet HTML 103Page - STMicroelectronics STPM32_V01 Datasheet HTML 104Page - STMicroelectronics STPM32_V01 Datasheet HTML 105Page - STMicroelectronics STPM32_V01 Datasheet HTML 106Page - STMicroelectronics STPM32_V01 Datasheet HTML 107Page - STMicroelectronics STPM32_V01 Datasheet HTML 108Page - STMicroelectronics STPM32_V01 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 121 page
background image
DS10272 Rev 8
105/121
STPM32, STPM33, STPM34
Register map
121
Table 57. Row 13, digital front end control register 2 (DFE_CR2)
Bit
Internal signal
Description
Default
0
enV2
Enable for secondary voltage channel
0x1
[15:1]
-
Reserved
0x193
[16]
enC2
Enable for secondary current channel
0x1
[17:25]
-
Reserved
0x193
[27:26]
GAIN2
Gain selection of secondary current channel:
GAIN2 [1:0]: 00, 01, 10, 11
GAIN: x2, x4, x8, x16
0x0
[31:28]
-
Reserved
0x0
Table 58. Row 14, DSP interrupt control mask register 1 (DSP_IRQ1)
Bit
Internal signal
Description
Default
0
PH1+PH2 IRQ CR
Sign total active power
0
1
Sign total reactive power
0
2
Overflow total active energy
0
3
Overflow total reactive energy
0
4
PH2 IRQ CR
Sign secondary channel active power
0
5
Sign secondary channel active fundamental power
0
6
Sign secondary channel reactive power
0
7
Sign secondary channel apparent power
0
8
Overflow secondary channel active energy
0
9
Overflow secondary channel active fundamental energy
0
10
Overflow secondary channel reactive energy
0
11
Overflow secondary channel apparent energy
0
12
PH1 IRQ CR
Sign primary channel active power
0
13
Sign primary channel active fundamental power
0
14
Sign primary channel reactive power
0
15
Sign primary channel apparent power
0
16
Overflow primary channel active energy
0
17
Overflow primary channel active fundamental energy
0
18
Overflow primary channel reactive energy
0
19
Overflow primary channel apparent energy
0
20
C1 IRQ CR
Primary current sigma-delta bitstream stuck
0
21
AH1 - accumulation of primary channel current
0
22
Primary current swell detected
0
23
Primary current swell end
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com