Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 104Page - STMicroelectronics STPM32_V01 Datasheet HTML 105Page - STMicroelectronics STPM32_V01 Datasheet HTML 106Page - STMicroelectronics STPM32_V01 Datasheet HTML 107Page - STMicroelectronics STPM32_V01 Datasheet HTML 108Page - STMicroelectronics STPM32_V01 Datasheet HTML 109Page - STMicroelectronics STPM32_V01 Datasheet HTML 110Page - STMicroelectronics STPM32_V01 Datasheet HTML 111Page - STMicroelectronics STPM32_V01 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 121 page
background image
Register map
STPM32, STPM33, STPM34
108/121
DS10272 Rev 8
24
V1 IRQ status
Primary voltage sigma-delta bitstream stuck
0
25
Primary voltage period error
0
26
Primary voltage sag detected
0
27
Primary voltage sag end
0
28
Primary voltage swell detected
0
29
Primary voltage swell end
0
30
Tamper
Tamper on primary
0
31
Tamper or wrong connection
0
Table 61. Row 17, DSP status register 2 (DSP_SR2)
Bit
Internal signal
Description
Default
0
PH1+PH2 status
Sign total active power
0
1
Sign total reactive power
0
2
Overflow total active energy
0
3
Overflow total reactive energy
0
4
PH2 status
Sign secondary channel active power
0
5
Sign secondary channel active fundamental power
0
6
Sign secondary channel reactive power
0
7
Sign secondary channel apparent power
0
8
Overflow secondary channel active energy
0
9
Overflow secondary channel active fundamental energy
0
10
Overflow secondary channel reactive energy
0
11
Overflow secondary channel apparent energy
0
12
PH1 status
Sign primary channel active power
0
13
Sign primary channel active fundamental power
0
14
Sign primary channel reactive power
0
15
Sign primary channel apparent power
0
16
Overflow primary channel active energy
0
17
Overflow primary channel active fundamental energy
0
18
Overflow primary channel reactive energy
0
19
Overflow primary channel apparent energy
0
20
C2 status
Secondary current sigma-delta bitstream stuck
0
21
AH1 - accumulation of secondary channel current
0
22
Secondary current swell detected
0
23
Secondary current swell end
0
Table 60. Row 16, DSP status register 1 (DSP_SR1) (continued)
Bit
Internal signal
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com