Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3108LS Datasheet HTML 1Page - Diodes Incorporated AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
4 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VHV
HV Pin Input Voltage
700
V
VCC_IN
LDO Supply Voltage
120
V
VCC
Power Supply Voltage
40
V
IO
Gate Output Current
500
mA
VFB, VSENSE, VCTRL, VDEM
Input Voltage to FB, SENSE, CTRL, DEM
-0.3 to 7
V
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
150
°C/W
PD
Power Dissipation at TA < +25°C
550
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
ESD
Human Body Model
(Except HV Pin and VCC_IN Pin (Note 6))
2,000
V
Charged Device Model
500
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch2 cooling area.
6. HV devices are ESD sensitive (HBM: HV Pin is 1000V, VCC_IN Pin is 350V).
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC_IN
LDO Supply Input Voltage
10
50
V
VCC
Power Supply Voltage
10
28
V
TOP
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com