Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
10 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Operation Description (continued)
tD
Compensated Value
GATE
VGS
IPK_PR
Detected VCSM
Actual VCSM
Figure 4
VDD
HV
VCSM
Sample
Block
Output
Current
Calculation
VCSM
SENSE
DEM
GND
VAUX
Rc
m:1
R1
R2
Rcs
RF
CF
Figure 5
HV Start-Up Circuit
A built-in HV Start-Up circuit in AP3108LS can help to simplify the power system design for ultra low standby application. For AP3108LS, there are
two HV Start-Up charging current: the ICHARGE-L when VCC is lower than 6V and the ICHARGE-H when the VCC voltage rises above 6V, which can
prevent the IC from overheat when VCC short-to-GND fault happens. The HV Start-Up circuit will stop working and has no additional power
dissipation when VCC voltage reaches the VST, at which the AP3108LS starts working and will supply energy to VCC from auxiliary winding.
However, the charging process described above is only for the normal system startup condition. Once some system faults occur and the
protection process is triggered, AP3108LS will shut down and VCC voltage will begin to decrease. The HV Start-Up circuit starts working again
when VCC voltage decreases below VCC-UVLO, and charges the VCC capacitor with current of ICHARGE-FAULT. This special design can reduce hugely
the input power dissipation when system fault happens, especially for output short condition. The HV Start-Up circuit working process is illustrated
in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com