Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3108LS Datasheet HTML 1Page - Diodes Incorporated AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
1 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Description
The AP3108LS is a Current Mode PWM controller specially designed
for offline power supply that requires ultra-low standby power, high-
power density and comprehensive protection. The AP3108LS
coordinating with Diodes Incorporated
’s secondary side controller,
such as the AP4320, can be applied in the situation that requires for
constant CC and constant CV.
The maximum switching frequency of the AP3108LS is set at 65kHz.
The switching frequency can be modulated through green mode, in
which it will smoothly decrease along with the decreasing load. This
will cause the minimum switching frequency to be clamped at about
22kHz to avoid audible noise.
The AP3108LS provides an inner high-voltage start-up function
through HV pin which can save the use of the external start-up
resistor, reducing the standby loss. The HV pin also realizes X-CAP
discharge function. This is a useful function for power saving when
an X-CAP is connected to a system, for it will discharge the X-CAP
when the AC line voltage is off automatically without the need for
extra discharge resistors.
The AP3108LS integrates a VCC LDO circuitry, allowing the LDO to
regulate the wide range VCC_IN, which is rectified from auxiliary
winding to an acceptable value. This makes the AP3108LS a good
choice in wide range output voltage application.
There are also versatile system protections provided by AP3108LS,
such as secondary side OVP, secondary side UVP, constant output
current limit, cycle-by-cycle current limit, brown-out protection,
programmable external OTP, etc.
Features
Current Mode Control
High-Voltage Startup
Embedded VCC LDO to Guarantee Wide Range Output Voltage
Constant, Low Output Current in Output Short Situation
Low VCC Charge Current Reduces Standby Power in Output
Short Situation
Non-Audible-Noise Green-Mode Control
Internal Slope Compensation
Soft Start During Startup Process
Frequency Fold Back for High Average Efficiency
Constant Over Current Protection (COCP)
VCC Maintain Mode
X-CAP Discharge Function
Precise Secondary Side OVP and UVP
Programmable External OTP
Brown-Out Protection
Overload Protection
FOCP and SSCP Protection
Useful Pin Fault Protection
SSOP-9 (Type CJ) is Available
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
SSOP-9 (Type CJ)
Applications
Switching AC-DC Adapter/Charger
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3108LS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3108L DIODES-AP3108L Datasheet
1Mb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev 4
More results

Similar Description - AP3108LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3108L DIODES-AP3108L Datasheet
1Mb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev 4
AP3128 DIODES-AP3128 Datasheet
1Mb / 12P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev. 3 - 2 September 2021
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com