Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3108LS Datasheet HTML 1Page - Diodes Incorporated AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
3 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Functional Block Diagram
GND
GATE
SENSE
250ns LEB
Soft
Driver
OSC with
Frequency Jitter
8.5V
9V
VCC_OVP
OLP
VCC
33V
VCC_OVP
UVLO
16V
7.5V
Internal
Bias
Auto Recovery
Protection
AP3108LS
FB
R
2R
PWM
1.3V
0.2V
CTRL_H
Latch-off
Protection
90ms
Debounce
OLP
FOCP
CTRL_L
Hold
SOVP
SSCP
SS
SS
VDD
IO
Soft
Start
1.3V
FOCP
0.1V
Q
D
CLK RB
DFF
3.8ms Delay
SSCP
OTP
VCC
VDD
OTP
0.57V
4.8V
SOVP
SUVP
DEM
75mV
Line Sense
Brownout
6.0V
SUVP
VCC_IN
20V
HV
VCC
UVLO
BNO
BNO
X_discharge
Discharge
Discharge
CTRL
1V
100mA
3V
4.0V
1.0V
10K
CTRL_H
CTRL_L
VDD
COCP
100VDC
91VDC
1.7mA
Hold
Hold
COCP
Ref
COCP
Ref
tONS
PWM
Sense
FOCP
4
1
2
3
5
6
7
8
9
tONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com