Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated AP3108LS Datasheet HTML 15Page - Diodes Incorporated AP3108LS Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
13 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Operation Description (continued)
System Protection
FOCP, SSCP, VCC OVP, OTP
The AP3108LS provides versatile protection to ensure the reliability of the power system. FOCP protection is an ultra-fast short-current protection
which is helpful to avoid catastrophic damage of the system when the secondary rectifier is short. The primary peak current will be monitored by
SENSE pin through a primary sense resistor, whenever the sampled voltage reaches the threshold of VTH-FOCP for 7 switching cycles continuously,
the FOCP protection will be active to shut down the switching pulse. SSCP might be triggered at ultra-low line voltage condition or other failure
condition that short the SENSE pin to ground. The SSCP module senses the voltage across the primary sense resistor with a delay of 4µs after
the rising edge of primary GATE signal, this sensed signal is compared with VTH-SSCP. If it is lower than VTH-SSCP for 7 switching cycles, the SSCP
protection will be triggered and the drive signal will be disabled. All these protections described above will restart the system when the VCC voltage
falls below UVLO. Although the external OTP can be easily implemented through CTRL pin, the AP3108LS still reserves the inner OTP with a
hysteresis for any necessary use.
VCC Maintain Mode
During light-load or transient-load condition, VFB will drop and be lower than 1.2V, thus the PWM drive signal will be stopped, and there is no more
new energy transferring to the output. Therefore, the IC supply voltage may reduce to the UVLO threshold voltage and system may enter the
unexpected restart mode. To avoid this, the AP3108LS holds a so-called VCC maintain mode which can supply energy to VCC.
When VCC decreases to a setting threshold as VM, the VCC maintain mode will be awaked and a charging current of ICHARGE-H will flow to the VCC
pin. With VCC maintain mode, the VCC is not easy to touch the shutdown threshold during the startup process and transient load condition. This will
also simplify the system design. The minimum VCC voltage is suggested to be designed a little higher than VCC maintain threshold thus can
achieve the best balance between the power loss and step load performance.
Leading-Edge Blanking Time
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A 250ns leading-
edge blank is built-in to prevent the false-trigger caused by the turn-on spike. During this period, the current limit comparator and the PWM
comparator are disabled and the gate driver cannot be switched off.
At the time of turning-off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 9).
SENSE
GATE
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com