Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
9 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Operation Description (continued)
Switching Frequency Control Strategy
The AP3108LS works in fixed frequency (65kHz) under heavy load, and decreases the switching frequency to improve the efficiency at light load
and middle load through green mode. In green mode, the switching frequency is a function of VFB and the relationship is shown as Figure 2. If the
VFB is lower than VTH-GREEN-0.2V, the switching frequency is fixed at about 22kHz to avoid audible noise.
Burst mode is a traditional method used to reduce the standby power at no load and extremely light load. In burst mode, the controller will stop
outputting switching pulses. As shown in Figure 3, when VFB drops below VBURST because of the light load, the system will enter burst mode and
there is no more power transferred to the output, causing output voltage to decrease and VFB to recover to VBURST +110mV. Then, the system will
recover and begin outputting switching pulses again, causing the output voltage to rise and VFB to drop again, which will start a new cycle.
fs
22KHz
65kHz
VTH- GREEN+0.2V
VTH- GREEN-0.2V
VFB
Load
FB
Heavy
Load
Light Load
VBURST
VBURST +110mV
fs = 22kHz
GATE
Figure 2
Figure 3
Maximum Output Current Limit (Primary Constant OCP Control)
The traditional primary cycle-by-cycle peak current limit method works well for overload protection situation, but the output short current (peak
value) is still too high, which will result in a higher safety risk. In order to reduce output short current (peak value) and keep normal startup
performance, the AP3108LS creates a new primary current control method to get a constant output current limit, the method is known as primary
constant OCP control. The output current both for CCM and DCM can be both described as:
Io =
VCSM
RCS
∗
NP
NS
∗
tONS
t
Where
RCS is the primary current sense resistor, VCSM is the middle voltage of the current sense voltage across RCS, NP is the primary winding turns,
NS is the secondary winding turns, tONS is the conduction time of secondary rectifier, t is the switching period of the system. In primary constant
OCP control mode, to get a constant output current, the product of
VCSM and
tONS
t
is kept as a constant value equaling to VREF, so the output current
equation can be rearranged as:
Io =
VREF
RCS
∗
NP
NS
∗ KCC
Where KCC is 1/8, an inner parameter used to balance the relationship between the current sense voltage and the primary constant OCP control
signal. For a specific power design, output current can be set by adjusting the value of
RCS. The primary constant OCP control module only
monitors the product of
VCSM and
tONS
t
. A peak current limitation of primary side is also set by VCS-MAX to avoid transformer saturation under some
transient conditions.
The AP3108LS samples the middle current of the primary side to calculate the output current. The detecting time takes the GATE signal as the
reference shown as Figure 4, at the half-on time of the GATE, the AP3108LS will record the VCS value as
VCSM. In the actual system, the primary
current will be greatly impacted by the turn-off delay time which mainly contains MOSFET charging time, resulting in an error between the
detected
VCSM and the actual VCSM. The error varies depending on line voltage, generally increasing with the line voltage. To get a precise VCSM and
keep the output current constant when primary constant OCP module active, the AP3108LS adopts a line compensation technology and the
control block is illustrated in Figure 5. The current flowing through R1 when the primary MOSFET is on reflects the line voltage. Scale down the
current and multiply it with RC and RF, then a compensation signal is formed. The external resistor R1 can be used to adjust the compensation
according to different delay time. The calculating formula is:
R1 =
2 ∗ LP
tD
∗
NA
NP
∗
(RC + RF)
RCS
∗
1
m
Where LP is the inductance of the transformer, tD is the turn-off delay time, NA is the auxiliary winding turns, NP is the primary winding turns, RC is
the inner compensation resistor which is 2.1k
Ω, RF is the filter resistor of SENSE pin, RCS is the primary-current sense resistor, m is the inner
proportional parameter which is 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com