Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
6 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Electrical Characteristics (@TA = -40°C to +85°C, VCC = 16V, unless otherwise specified.) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tDELAY-OCP
Delay of Overcurrent
Protection (Note 8)
—
—
90
—
ms
IFB-SOURCE
Source Current
VFB = 0V
0.15
0.25
0.35
mA
VTH-GREEN
Green Mode Threshold
(Note 8)
VDEM > 1.4V
—
2.3
—
V
VDEM ≤ 1.4V
—
1.9
—
V
VBURST
Input Voltage For Zero Duty
—
1
1.2
1.4
V
Output Section (GATE Pin)
VGATE-L
Output Low-Level Voltage
IO = 20mA, VCC = 12V
—
—
1
V
VGATE-H
Output High-Level Voltage
IO = 20mA, VCC = 12V
8
—
—
V
VGATE-CLP
Output Clamping Voltage
—
9
10.5
12.5
V
tGATE-RISE
Rising Time (Note 8)
CL = 1nF, VCC = 13V
—
150
200
ns
tGATE-FALL
Falling Time (Note 8)
CL = 1nF, VCC = 13V
—
50
100
ns
De-magnetization Section (DEM Pin)
VTH-DEM
De-Magnetization Voltage
(Note 8)
—
—
75
—
mV
VCLP-L
Clamping Voltage
IDEM = -200µA
(Source Current)
—
-5
—
mV
VCLP-H
IDEM = 1mA
(Sink Current)
—
6
—
V
VTH-SOVP
SOVP Threshold
—
4.7
4.8
4.9
V
VTH-SUVP
SUVP Threshold
—
0.54
0.57
0.60
V
tBLANK-SUVP
SUVP Blank Time After
Startup
—
20
25
30
ms
tSAMPLE
Sample Delay Time (Note 8)
—
—
2
—
µs
LDO Section ( VCC_IN Pin/VCC Pin )
VCC
LDO Regulated Voltage
(Power Supply Voltage)
VCC open, VCC_IN = 10V
9
9.8
—
V
VCC open, VCC_IN = 40V
18
20
21
V
ILDO
Operating Current
VCC = 12V, VCC_IN = 40V
5
6
7
mA
Protection Section (CTRL Pin)
ICTRL-SOURCE
Source Current
—
-110
-100
-90
μA
VTH-CTRL-L
Low Threshold
—
0.96
1
1.04
V
VTH-CTRL-H
High Threshold
—
2.85
3
3.15
V
VCTRL-CLP
Clamp Voltage (Note 9)
ICTRL = -2mA
4.1
4.4
4.7
V
tDELAY-HICC
Delay of Hiccup Protection
(Note 8)
SUVP, SOVP, VCC
OVP, FOCP, SSCP,
CTRL Pin Protection
—
7
—
Cycles
Internal OTP Section
OTP
OTP Threshold
—
—
+150
—
°C
THYS
OTP Recovery Hysteresis
—
—
+25
—
°C
Notes:
8. Guaranteed by design.
9. The sourcing current of CTRL pin must be limited below 5mA. Otherwise it can cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com