Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3108LS Datasheet HTML 1Page - Diodes Incorporated AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
5 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Electrical Characteristics (@TA = -40°C to +85°C, VCC = 16V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage (VCC Pin)
IST
Startup Current
—
—
1.5
15
μA
ICC
Operating Supply Current
VFB = 0V, CL = 1nF
0.35
0.55
0.75
mA
VFB = 3V, CL = 0nF
1.2
1.7
2.2
VST
Turn-On Threshold Voltage
—
15.3
15.8
16.3
V
VM
VCC Maintain
—
8.1
8.5
8.9
V
VCC-UVLO
VCC UVLO Voltage
—
7
7.5
8
V
VCC-OVP
VCC OVP Threshold Voltage
—
32
33
34
V
HV Section (HV Pin)
ICHARGE-L
Charge Current
VCC = 0V, VHV = 100V
0.1
0.2
0.35
mA
ICHARGE-H
VCC = 6V, VHV = 100V
1.5
1.8
2.2
mA
ICHARGE-FAULT
Charge Current If Fault Occurs
VCC = 6V, VHV = 100V
50
95
145
µA
VBR-IN
Brown In Voltage
—
95
100
105
V
VBR-OUT
Brown Out Voltage
—
87
91
95
V
tBR-IN
Delay of Brown In (Note 8)
—
—
100
—
µs
tBR-OUT
Delay of Brown Out (Note 8)
—
—
50
—
ms
IDISCH-X
X-CAP Discharge Current
—
1.3
1.7
2.1
mA
PWM Section/Oscillator Section
DMAX
Maximum Duty Cycle
—
70
75
80
%
fS
Oscillation frequency
—
60
65
70
kHz
fOSC-GREEN
Green Mode Frequency
—
18
–
30
kHz
fOSC-JITTER
Frequency Dithering
—
±4
±6
±8
%
Current Sense Section (SENSE Pin)
VREF
Inner Reference For Primary
Constant OCP Control
—
2.47
2.5
2.53
V
VCS-MAX
Maximum SENSE Voltage
VFB = 4.5V
0.93
0.95
0.97
V
tDELAY-CS
Delay To Output (Note 7)
—
—
100
—
ns
VTH-FOCP
FOCP Voltage
—
1.2
1.3
1.4
V
VTH-SSCP
SSCP Voltage
—
80
100
120
mV
tLEB
LEB Time Of SENSE
—
200
250
300
ns
Feedback Input Section (FB Pin)
KFB-CS
The Ratio of FB Input Voltage
to Current Sense Voltage
—
2.5
3
3.5
V/V
RFB
Input Impedance
—
15
20
25
kΩ
VFB-OCP
Threshold For Overcurrent
Protection (Note 8)
—
—
4.2
—
V
Notes:
7. Cycle-by-Cycle limit delay time contains OCP comparator delay time and driver delay time, Guaranteed by design.
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com