Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated AP3108LS Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
11 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Operation Description (continued)
S
If Fault Occurs
GATE
Vcc
I_CHG
VST
VCC-UVLO
6V
I CHARGE-L
I CHARGE - H
I CHARGE-FAULT
I CHARGE-H
0mA
0mA
Figure 6
X-CAP Discharge Function
For the higher power application, to attenuate the differential mode noise, an X-CAP is usually used before the rectifier bridge, and there are
paralleled resistors to discharge the X-CAP for safety consideration when the AC line is off. The paralleled resistors have large power dissipation
and will increase the standby power. The AP3108LS integrates an X-CAP discharge function to replace discharge resistors and decreases the
standby power.
This function contains two processes; the first process detects the condition of the AC line through HV pin, this detected voltage is named as Vb.
When the system is plugged in, an inner timer of 40ms within the AP3108LS begins to work, meanwhile, a phase-drifted and filtered signal Vc is
generated based on Vb, compare Vb with Vc as shown in Figure 7.
Whenever signal Vc crosses over with signal Vb, the inner 40ms timer will be reset which represents the AC line is on. If the system is
disconnected from AC line, the cross-over signal of Vc and Vb will disappear and the 40ms timer will continue to count until it reaches 40ms, at this
moment, the second process, discharge process, will come into effect and a 1.7mA discharge current will flow through HV pin to GND lasting for
40ms. After the AC line is off, the first process and the second process will act alternately until the HV Pin voltage is discharged below 10V even
when the VCC voltage is lower than VCC-UVLO.
Vb
Vc
Timer
Reset
IDISCH-X
X-CAP Discharge Current
0mA
40ms
0mA
Figure 7
Built-In Slope Compensation
It is well known that a continuous current mode SMPS may become unstable when the duty cycle exceeds 50%. The built-in slope compensation
in the AP3108LS can keep the system stable.
Built-In VCC LDO
The AP3108LS integrates a VCC LDO circuitry, the LDO regulates the wide range VCC_IN which is rectified from auxiliary winding to an acceptable
value. It makes the AP3108LS a good choice in wide range output voltage application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com