Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated AP3108LS Datasheet HTML 15Page - Diodes Incorporated AP3108LS Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
14 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Ordering Information
AP3108LS X - X
Packing
13 : 13" Tape & Reel
Product Name
Package
S9 : SSOP-9
(Type CJ)
Package
Temperature Range
Part Number
Marking ID
Packing
SSOP-9 (Type CJ)
-40°C to +85°C
AP3108LSS9-13
3108LS
4,000/Tape & Reel
Marking Information
3108LS
(Top View)
YY WW X X
Marking ID
Logo
WW : Week : 01 to 52; 52
YY : Year : 20, 21, 22~
X X : Internal Code
1
2
3
4
Represents 52 and 53 Week
5
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com