Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3108LS Datasheet HTML 1Page - Diodes Incorporated AP3108LS Datasheet HTML 2Page - Diodes Incorporated AP3108LS Datasheet HTML 3Page - Diodes Incorporated AP3108LS Datasheet HTML 4Page - Diodes Incorporated AP3108LS Datasheet HTML 5Page - Diodes Incorporated AP3108LS Datasheet HTML 6Page - Diodes Incorporated AP3108LS Datasheet HTML 7Page - Diodes Incorporated AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
2 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1
CTRL
Programmable external protection
2
FB
Feedback. Directly connected to the opto-coupler
3
DEM
Sample VOUT to realize SOVP and SUVP protection
4
VCC_IN
Wide range input supply voltage to produce VCC
5
GND
Signal ground
6
GATE
Gate driver output
7
VCC
Supply voltage of driver and control circuits
8
SENSE
Sense the primary current
9
HV
High voltage input. Sense line voltage and provide startup current to VCC
AC
R2
R10
R11
R15
C5
C9
C7
T 1
U2
D5
R20
F1
R13
C3
C8
CY1
GND
GATE
FB
SENSE
VCC-IN
AP3108LS
U1
Q1
NTC1
R1
D7
R12
R8
R9
DEM
C10
D 1
D4
Vo
GND
USB1
C2
L1
R21
C13
9
6
8
2
5
R14
R3
3
R16
D6
C1
D 2
D 3
C6
U3
Ictrl
Vsense
Vctrl
VCC
Vout
GND
C18
R19
R18
AP4320
C15
4
5
1
3
6
2
C17
C14
HV
VCC
CTRL
RT
1
4
7
CX
D8
D9
R4
C4
R5
R6
R7
R17
C16
R28
C11
D10
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com