Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated AP3108LS Datasheet HTML 15Page - Diodes Incorporated AP3108LS Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
15 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SSOP-9 (Type CJ)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SSOP-9 (Type CJ)
Mechanical Data
Moisture Sensitivity: MSL Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.08 grams (Approximate)
b
e
E
A
D
A1
c
0
A2
L
E1
X
C
Y1
G
Y
SSOP-9 (Type CJ)
Dim
Min
Max
Typ
A
1.35
1.75
--
A1
0.10
0.25
--
A2
1.350
1.550
--
b
0.270
0.430
--
c
0.170
0.258
--
D
4.70
5.10
--
E
5.80
6.20
--
E1
3.80
4.00
--
e
--
--
1.00
L
0.40
1.27
--
θ
0
8
--
All Dimensions in mm
Dimensions Value (in mm)
C
1.00
G
3.40
X
0.60
Y
2.00
Y1
7.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com