Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3108LS Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3108LS
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3108LS Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3108LS Datasheet HTML 8Page - Diodes Incorporated AP3108LS Datasheet HTML 9Page - Diodes Incorporated AP3108LS Datasheet HTML 10Page - Diodes Incorporated AP3108LS Datasheet HTML 11Page - Diodes Incorporated AP3108LS Datasheet HTML 12Page - Diodes Incorporated AP3108LS Datasheet HTML 13Page - Diodes Incorporated AP3108LS Datasheet HTML 14Page - Diodes Incorporated AP3108LS Datasheet HTML 15Page - Diodes Incorporated AP3108LS Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP3108LS
Document number: DS42105 Rev. 3 - 2
12 of 16
www.diodes.com
February 2021
© Diodes Incorporated
AP3108LS
Operation Description (continued)
Brown In/Out Protection
To avoid potential high-current stress at low line voltage, the AP3108LS introduces a reliable brownout protection. The AC line voltage is detected
through HV pin. A pair of high-voltage diodes are connected to the AC line which will rectify the AC input voltage to a double-frequency positive
voltage referring to GND, a ~20k
Ω resistor is recommended to be added to improve the surge immunity. When the voltage across HV pin is higher
than VBR-IN for about 100µs of tBR-IN and VCC reaches VST, the GATE pin will output drive signals and the system starts to work. If the HV pin
voltage falls below VBR-OUT and lasts for 50ms of tBR-OUT, the GATE pin will turn off and the system will shut down until the line voltage rises over
its brown-in voltage again.
SOVP/SUVP Protection
The AP3108LS provides output OVP and UVP protection function. The auxiliary winding voltage during secondary rectifier conducting period
reflects the output voltage. A voltage divide network is connected to the auxiliary winding and DEM pin, the DEM pin will detect the equivalent
output voltage with a delay of tSAMPLE from the falling edge of GATE driver signal, as shown in Figure 8. The detected voltage will be compared to
the SOVP and SUVP threshold voltage VTH-SOVP and VTH-SUVP. If the SOVP or SUVP threshold is reached continuously by 7 switching cycles, the
SOVP or SUVP protection will be triggered, the AP3108LS will shut down and the system will restart when the VCC voltage falls below the UVLO
voltage.
To prevent from false-trigger of SUVP during start up process, a blank time of tBLANK-SUVP is set during which the SUVP protection function is
ignored.
Externally Triggered Protection
The AP3108LS reserves flexible protection mode for power design. The CTRL pin can achieve external programmable protection. A high
threshold of VTH-CTRL-H is set for any over voltage protection, the CTRL pin voltage will be sampled with a delay of tSAMPLE from the falling edge of
GATE and compared to VTH-CTRL-H, if the sampled voltage is higher than the threshold for 7 switching cycles, the CTRL-High protection will be
triggered. A low threshold of VTH-CTRL-L is usually used for external over temperature protection. To realize the external OTP, a proper value NTC
should be connected from the CTRL pin to the ground. An inner current of 100µA flows through the NTC from the CTRL pin. The voltage of the
CTRL pin changes along with the resistance of NTC. The AP3108LS will detect the voltage of CTRL pin ahead of the falling edge of GATE with
about 100ns. If the detected voltage is lower than the VTH-CTRL-L for 32ms duration at least, the CTRL-Low protection will be triggered.
Whenever the protection is triggered, the system will stop the output drive signal and will restart after the VCC voltage falling below the UVLO
voltage. The CTRL-High and CTRL-Low protection sample time is illustrated as Figure 8.
GATE
DEM
CTRL
Sample signal for SOVP/SUVP
Sample signal for CTRL_H protection
Sample signal for CTRL_L protection
100ns
2ms
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com