Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 14Page - Panasonic Semiconductor RF-13 Datasheet HTML 15Page - Panasonic Semiconductor RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor RF-13 Datasheet HTML 19Page - Panasonic Semiconductor RF-13 Datasheet HTML 20Page - Panasonic Semiconductor RF-13 Datasheet HTML 21Page - Panasonic Semiconductor RF-13 Datasheet HTML 22Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
17
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
3.95 0.156
7.85 0.309
11.8
0.465
Operation indicator (Orange)(Note 2)
Stability indicator (Green)(Note 1)
Sensitivity adjuster (Note 1)
Operation mode switch (Note 1)
3
0.118
20
0.787
2.3
0.091 M12 connector
31
1.220
25.4
1.000
15.5 0.610
ø3.7 ø0.146 cable
Beam
axis
11.2
0.441
2-M3×0.5 0.020
thru-hole threads
300
11.811
(
)
(
)
(
)
44
1.732
3.95 0.156
7.85 0.309
11.8
0.465
Operation indicator (Orange)
Stability indicator (Green)
Sensitivity adjuster (Note 1)
Operation mode switch (Note 1)
4 0.157
2.3
0.091
3
0.118
11.2
0.441
Beam-receiving
part
Center of
sensing
4
0.157
Beam-emitting
part
2-M3×0.5 0.020
thru-hole threads
ø3.7 ø0.146 cable,
2 m 6.562 ft long (Note 2)
20
0.787
( )
25.4
1.000
31
1.220
15.5 0.610
3-core×0.2 mm2
insulator diameter: ø1.2 ø0.047
(
)
3
0.118
2.3
0.091
11.8
0.465
7.85 0.309
3.95 0.156
Sensitivity adjuster
Operation indicator (Orange)
Stability indicator (Green)
Operation mode switch
25.4
1.000
15.5 0.610
2-M3×0.5 0.020
thru-hole threads
Center of
sensing
M8 connector
11.2
0.441
ø9.4
ø0.370
Beam-emitting
part
Beam-receiving
part
4
0.157
4
0.157
42.5
1.673
20
0.787
35.5
1.398
31
1.220
(
)
2.3
0.091
20
0.787
11.8
0.465
7.85 0.309
3.95 0.156
Operation mode switch
Sensitivity adjuster
Operation indicator (Orange)
Stability indicator (Green)
Center of
sensing
2-M3×0.5 0.020
thru-hole threads
Beam-emitting
part
Beam-receiving
part
15.5 0.610
4 0.157
4
0.157
11.2
0.441
3
0.118
ø3.7 ø0.146 cable
M12 connector
(
)
44
1.732
(
)
300
11.811
31
1.220
25.4
1.000
4
0.157
8.2
0.323
12.5
0.492
Stability indicator (Green)
Operation mode switch
Distance adjuster (5-turn)
Operation indicator (Orange)
3 0.118
0.9
0.035
20
0.787
2.8
0.110
2
0.079
11.2
0.441
2-M3×0.5 0.020
thru-hole threads
22
0.866
Beam-
receiving part
Beam-
emitting part
Center of
sensing
ø3.7 ø0.146 cable,
2 m 6.562 ft long
4-core × 0.2mm2
insulator diameter:
ø1.2 ø0.047
31
1.220
25.4
1.000
22
0.866
ø9.4
0.370
2-M3×0.5 0.020
thru-hole threads
11.2
0.441
Beam-
receiving part
Beam-
emitting part
Center of
sensing
31
1.220
25.4
1.000
42.5
1.673
35.5
1.398
2.8
0.110
2
0.079
3 0.118
0.9
0.035
M8 connector
4
0.157
8.2
0.323
12.5
0.492
Stability indicator (Green)
Operation mode switch
Distance adjuster (5-turn)
Operation indicator (Orange)
20
0.787
CX-41□-J
Sensor
CX-49□-Z CX-48□-Z CX-42□-Z
Sensor
CX-44□
Sensor
CX-49□ CX-48□ CX-42□
Sensor
CX-49□-J CX-48□-J CX-42□-J
Sensor
CX-44□-Z
Sensor
Notes: 1) Not incorporated on the Bacic type sensors.
2) Basic type: 0.5 m 1.640 ft long
Notes: 1) Not incorporated on the emitter.
2) It is the power indicator (green) on the emitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com