Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 5Page - Panasonic Semiconductor RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
8
Type
Appearance
Sensing range
Model No.(Note 1)
Output
operation
Emitting
element
NPN output
PNP output
10 m 32.808 ft
CX-411A-C05 CX-411A-P-C05
Light-ON
Red LED
CX-411B-C05 CX-411B-P-C05
Dark-ON
15 m 49.213 ft
CX-412A-C05 CX-412A-P-C05
Light-ON
Infrared
LED
CX-412B-C05 CX-412B-P-C05
Dark-ON
3 m 9.843 ft (Note 3)
CX-491A-C05-Y CX-491A-P-C05-Y
Light-ON
Red LED
CX-491B-C05-Y CX-491B-P-C05-Y
Dark-ON
NOTE: Mounting bracket is not supplied with the sensor. Please select from the range of optional sensor mounting brackets.
Notes: 1) The model No. with “
E” shown on the label affixed to the thru-beam type sensor is the emitter, “D” shown on the label is the receiver.
2) The reflector is sold separately.
3) The sensing range of the retroreflective type sensor is specified for the
RF-230 (optional) reflector. The sensing range represents the actual
sensing range of the sensor. The sensing range: A of the table below may vary depending on the shape of sensing object. Be sure to check
the operation with the actual sensing object.
Setting range
of the reflector: B
Sensing
object
Sensing
range: A
Sensor
Reflector
(Optional)
CX-491□
A
0 to 3 m
0 to 9.843 ft
B
0.1 to 3 m
0.328 to 9.843 ft
ORDER GUIDE
Basic type (Without operation mode switch and sensitivity adjuster. Cable is 0.5 m 0.02 in long.)
Optional (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com