Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor RF-13 Datasheet HTML 14Page - Panasonic Semiconductor RF-13 Datasheet HTML 15Page - Panasonic Semiconductor RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor RF-13 Datasheet HTML 19Page - Panasonic Semiconductor RF-13 Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
15
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
+
–
12 to 24 V DC
±10 %
D
Tr
ZD
ZD
100 mA max.
(Brown / 1)
+V
(Black / 4)
Output (Note 1)
Color code / Connector pin No. of the connector type
(Blue / 3) 0 V
*1
Load
D
User’s circuit
Internal circuit
(Pink / 2) Sensing mode
selection input (Note 2, 3)
Notes: 1) The emitter of the thru-beam type sensor does not
incorporate the output.
2) Sensing mode selection input is incorporated only for the
CX-44□ adjustable range reflective type. When using the
CX-44□, be sure to wire the sensing mode selection input
(pink / 2) as mentioned *1. Unstable operation may occur.
3) When the mating cable is connected to the plug-in connector
type of
CX-44□, its color is white.
*1
• Sensing mode selection input
BGS function: Connect to 0 V
FGS function: Connect to +V
Symbols ... D : Reverse supply polarity protection diode
ZD : Surge absorption zener diode
Tr : NPN output transistor
NPN output type
Wiring diagram
+
*1
–
Load
Brown
Black (Note 1)
Blue
Pink (Note 2, 3)
12 to 24 V DC
±10 %
Notes: 1) The emitter of the thru-beam type sensor does not incorporate the black wire.
2) The pink wire is incorporated only for the
CX-44□ adjustable
range reflective type. When using the
CX-44□, be sure to wire
the pink wire as mentioned *1. Unstable operation may occur.
3) When the mating cable is connected to the plug-in connector
type of
CX-44□, its color is white.
*1
• Sensing mode selection input
BGS function: Connect to 0 V
FGS function: Connect to +V
Connector pin position
M8 plug-in connector type
M12 pigtailed type
2
Sensing mode
selection input
(Note 2)
4
Output
(Note 1)
1
+V
3
0 V
2
Not
connected
1
+V
3
0 V
4
Output (Note 1)
Notes: 1) The emitter of the thru-beam type sensor does not incorporate the output.
2) Sensing mode selection input is incorporated only for the
CX-44□ adjustable range reflective type. When using the
CX-44□, be sure to wire the sensing mode selection input
(pink / 2). Unstable operation may occur.
PNP output type
I/O circuit diagram
Tr
ZD
ZD
100 mA max.
User’s circuit
Internal circuit
Load
(Brown / 1)
+V
(Black / 4) Output (Note 1)
Color code / Connector pin No. of the connector type
(Blue / 3) 0 V
D
D
12 to 24 V DC
±10 %
*1
+
–
(Pink / 2) Sensing mode
selection input (Note 2, 3)
Notes: 1) The emitter of the thru-beam type sensor does not
incorporate the output.
2) Sensing mode selection input is incorporated only for the
CX-44□-P adjustable range reflective type. When using the
CX-44□-P, be sure to wire the sensing mode selection input
(pink / 2) as mentioned *1. Unstable operation may occur.
3) When the mating cable is connected to the plug-in connector
type of
CX-44□-P, its color is white.
*1
• Sensing mode selection input
BGS function: Connect to 0 V
FGS function: Connect to +V
Symbols ... D : Reverse supply polarity protection diode
ZD : Surge absorption zener diode
Tr : PNP output transistor
Wiring diagram
+
–
*1
Load
Brown
Black (Note 1)
Blue
Pink (Note 2, 3)
12 to 24 V DC
±10 %
Notes: 1) The emitter of the thru-beam type sensor does not incorporate the black wire.
2) The pink wire is incorporated only for the
CX-44□-P adjustable
range reflective type. When using the
CX-44□-P, be sure to wire
the pink wire as mentioned *1. Unstable operation may occur.
3) When the mating cable is connected to the plug-in connector
type of
CX-44□-P, its color is white.
*1
• Sensing mode selection input
BGS function: Connect to 0 V
FGS function: Connect to +V
Connector pin position
2
Sensing mode
selection input
(Note 2)
4
Output (Note 1)
1
+V
3
0 V
2
Not
connected
1
+V
3
0 V
4
Output (Note 1)
M8 plug-in connector type
M12 pigtailed type
Notes: 1) The emitter of the thru-beam type sensor does not incorporate the output.
2) Sensing mode selection input is incorporated only for the
CX-44□-P adjustable range reflective type. When using the
CX-44□-P, be sure to wire the sensing mode selection input
(pink / 2). Unstable operation may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com