Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor RF-13 Datasheet HTML 14Page - Panasonic Semiconductor RF-13 Datasheet HTML 15Page - Panasonic Semiconductor RF-13 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
11
OPTIONS
Designation
Model No.
Description
Reflector
mounting
bracket
MS-RF21-1 Protective mounting bracket for RF-210
It protects the reflector from damage and maintains alignment.
MS-RF22
For
RF-220
MS-RF23
For
RF-230
Reflective tape
RF-11
• Sensing range (Note 4):
0.5 m 1.640 ft [
CX-491□]
0.8 m 2.625 ft [
CX-493□]
• Ambient temperature: -25 to +50 °C
-13 to +122 °F
• Ambient humidity: 35 to 85 % RH
Notes: 1) Keep the tape free from
stress. If it is pressed too
much, its capability may
deteriorate.
2) Do not cut the tape. It will
deteriorate the sensing
performance.
RF-12
• Sensing range (Note 4):
0.7 m 2.297 ft [
CX-491□]
1.2 m 3.937 ft [
CX-493□]
0.1 to 0.6 m
0.328 to 1.969 ft [
CX-482□]
RF-13
• Sensing range (Note 5):
0.5 m 1.640 ft [
CX-491□]
• Ambient temperature: -25 to +55 °C
-13 to +131 °F
• Ambient humidity: 35 to 85 % RH
Sensor
mounting
bracket (Note 1)
MS-CX2-1
Foot angled mounting bracket
It can also be used for mounting
RF-210.
The thru-beam type
sensor needs two
brackets.
MS-CX2-2
Foot biangled mounting bracket
It can also be used for mounting
RF-210.
MS-CX2-4
Protective mounting bracket
MS-CX2-5
Back biangled mounting bracket
MS-CX-3
Back angled mounting bracket
Universal
sensor mounting
stand (Note 2)
MS-AJ1
Horizontal mounting type
Basic assembly
MS-AJ2
Vertical mounting type
MS-AJ1-A
Horizontal mounting type
Lateral arm assembly
MS-AJ2-A
Vertical mounting type
MS-AJ1-M
Horizontal mounting type
Assembly for reflector
MS-AJ2-M
Vertical mounting type
Sensor checker
(Note 3)
CHX-SC2
It is useful for beam alignment of thru-beam type sensors. The optimum
receiver position is given by indicators, as well as an audio signal.
Notes: 1) The plug-in connector type sensor does not allow use of some sensor mounting brackets
because of the protrusion of the connector.
2) Refer to the general catalog for details of the universal sensor mounting stand.
3) Refer to the general catalog for details of the sensor checker
CHX-SC2.
4) Set the distance between the sensor and the reflective tape to 0.1 m 0.328 ft (
CX-482□:
0.4 m 1.312 ft) or more.
5) Set the distance between the sensor and the reflective tape to 0.2 m 0.656 ft or more.
Reflector mounting bracket
•
MS-RF23
Reflective tape
Sensor mounting bracket
•
MS-RF21-1
•
MS-RF22
Two M3 (length 12 mm
0.472 in) screws with
washers are attached.
Two M3 (length 8 mm
0.315 in) screws with
washers are attached.
Two M4 (length 10 mm
0.394 in) screws with
washers are attached.
•
RF-11
•
RF-12
•
RF-13
30 mm
1.181 in
0.7 mm
0.028 in
8 mm
0.315 in
30 mm
1.181 in
25 mm
0.984 in
0.7 mm
0.028 in
30 mm
1.181 in
30 mm
1.181 in
0.5 mm
0.020 in
•
MS-CX2-1
•
MS-CX2-2
•
MS-CX2-4
•
MS-CX2-5
•
MS-CX-3
Sensor checker
Two M3 (length 12 mm
0.472 in) screws with
washers are attached.
Two M3 (length 12 mm
0.472 in) screws with
washers are attached.
Two M3 (length 14 mm
0.551 in) screws with
washers are attached.
Two M3 (length 12 mm
0.472 in) screws with
washers are attached.
Two M3 (length 12 mm 0.472 in)
screws with washers are attached.
•
CHX-SC2
LEVE
L
POWER
CH
X-S
C2
Sensor checker
Universal sensor mounting stand
•
MS-AJ2
•
MS-AJ2-A
With the lateral arm, the
sensor can sense from
above a production line.
Forward / back
adjustment:
130 mm 5.118 in
approx.
•
MS-AJ2-M
Elevation
angle: ±45˚
Mounting hole
for M6 screw
Swivel:
360˚ rotation
45˚
45˚
Height
adjustment:
150 mm
5.906 in
approx.
Angle adjustment: ±45˚
Swivel:
360˚ rotation
Mounting
hole for
M6 screw
360˚
45˚
45˚
rotation
Height
adjustment:
150 mm
5.906 in
approx.
Height
adjustment:
150 mm
5.906 in
approx.
Mounting hole
for M6 screw
Swivel:
360˚ rotation
45˚
45˚
Elevation
angle: ±45˚
•
MS-AJ1
•
MS-AJ1-A
•
MS-AJ1-M
Elevation
angle: ±45˚
Swivel:
360˚ rotation
Mounting hole
for M6 screw
45˚
45˚
Height
adjustment:
150 mm
5.906 in
approx.
Angle adjustment: ±45˚
Swivel:
360˚ rotation
Mounting
hole for
M6 screw
360˚
45˚
45˚
rotation
Height
adjustment:
150 mm
5.906 in
approx.
Swivel:
360˚ rotation
Elevation
angle: ±45˚
Height
adjustment:
150 mm
5.906 in
approx.
Mounting hole
for M6 screw
45˚
45˚
With the lateral arm, the
sensor can sense from
above a production line.
Forward / back
adjustment:
130 mm 5.118 in
approx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com