Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 15Page - Panasonic Semiconductor RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor RF-13 Datasheet HTML 19Page - Panasonic Semiconductor RF-13 Datasheet HTML 20Page - Panasonic Semiconductor RF-13 Datasheet HTML 21Page - Panasonic Semiconductor RF-13 Datasheet HTML 22Page - Panasonic Semiconductor RF-13 Datasheet HTML 23Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
18
Material: Acrylic (Reflector)
ABS (Base)
2-ø4.6 ø0.181
mounting
holes
50.3
1.980
40
1.575
5 0.197
8.3
0.327
3.3
0.130
10 0.394
59.3
2.335
49.3
1.941
( )
30
1.181
Material: Acrylic (Reflector)
ABS (Base)
35.3
1.390
42.3
1.665
34.3
1.350
25
0.984
2-ø3.6 ø0.142
mounting
holes
4 0.157
8 0.315
8.3
0.327
3.3
0.130
21
0.827
( )
Material: Acrylic (Reflector)
ABS (Base)
Two M3 (length 8 mm 0.315 in)
screws with washers and two nuts are attached.
33.3
1.311
Reflector
M3 nut mounting holes
(for mounting at the back)
Base
25
0.984
3.2
0.126
10
0.394
2-ø3.4 ø0.134 thru-holes
(for mounting at the side)
(for mounting at the back)
2-ø3.4 ø0.134 holes,
6 0.236 deep
(for mounting at the side)
2-M3 nut mounting holes
12.8 0.504
11 0.433
Material: Acrylic
8
0.315
28
1.102
6
0.236
30
1.181
Adhesive
tape
Effective
reflecting surface
0.7
0.028
( )
( )
Material: Flexible polyvinyl chloride
( )
30
1.181
0.7
0.028
28
1.102
25
0.984
23
0.906
Adhesive
tape
Effective
reflecting surface
( )
0.5
0.020
30
1.181
30
1.181
(
)
Reflective surface
(Acrylic)
Rear surface
pressure-sensitive
adhesive
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
Assembly dimensions
Mounting drawing with the
receiver of
CX-41□
Material: Stainless steel (SUS304)
Two M3 (length 12 mm 0.472 in) screws
with washers are attached.
3.4
0.134
8 0.315
14 0.551
5
0.197
3
0.118
3.4
0.134
14˚
10 0.394
7
˚
2-ø3.4 ø0.134 holes
(for
RF-210)
3.4
0.134
12.5 0.492
t 1.2
t 0.047
12
0.472
R12
R0.472
22
0.866
15
0.591
20
0.787
R25
R0.984
25
0.984
42.5
1.673
Beam axis
9.5
0.374
25
0.984
12.3 0.484
t 1.2
t 0.047
25.4
1.000
0.3
0.012
7˚
13.6 0.535
3.4
0.134
3.4
0.134
5
0.197
3
0.118
14˚
12
0.472
0.5
0.020
31
1.220
42.5
1.673
( )
22
0.866
25.2
0.992
20
0.787
R12R0.472
RF-220
Reflector (Optional)
RF-210
Reflector (Optional)
RF-11
Reflective tape (Optional)
RF-12
Reflective tape (Optional)
RF-13
Reflective tape (Optional)
MS-CX2-1
Sensor mounting bracket (Optional)
RF-230 Reflector(Accessoryfortheretroreflectivetypesensor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com