Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 4Page - Panasonic Semiconductor RF-13 Datasheet HTML 5Page - Panasonic Semiconductor RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
7
ORDER GUIDE
Type
Appearance
Sensing range
Model No. (Note 1)
Output
operation
Emitting
element
NPN output
PNP output
10 m 32.808 ft
CX-411
CX-411-P
Switchable
either Light-ON
or Dark-ON
Red LED
15 m 49.213 ft
CX-412
CX-412-P
Infrared
LED
30 m 98.425 ft
CX-413
CX-413-P
3 m 9.843 ft (Note 2)
CX-491
CX-491-P
Red LED
5 m 16.404 ft (Note 2)
CX-493
CX-493-P
50 to 500 mm 1.969 to 19.685 in (Note 2)
CX-481
CX-481-P
Infrared
LED
50 to 1,000mm 1.969 to 39.37 in (Note 2)
CX-483
CX-483-P
0.1 to 2 m 0.328 to 6.562 ft (Note 2)
CX-482
CX-482-P
100 mm 3.937 in
CX-424
CX-424-P
Infrared
LED
300 mm 11.811 in
CX-421
CX-421-P
800 mm 31.496 in
CX-422
CX-422-P
70 to 300 mm 2.756 to 11.811 in
CX-423
CX-423-P
Red LED
2 to 50 mm 0.079 to 1.969 in
CX-441
CX-441-P
Switchable either
Detection-ON or
Detection-OFF
Red LED
CX-443
CX-443-P
15 to 100 mm 0.591 to 3.937 in
CX-444
CX-444-P
20 to 300 mm 0.787 to 11.811 in
CX-442
CX-442-P
NOTE: Mounting bracket is not supplied with the sensor. Please select from the range of optional sensor mounting brackets.
Notes: 1) The model No. with “
E” shown on the label affixed to the thru-beam type sensor is the emitter, “D” shown on the label is the receiver.
2) The sensing range of the retroreflective type sensor is specified for the
RF-230 reflector. The sensing range represents the actual sensing
range of the sensor. The sensing ranges itemized in “A” of the table below may vary depending on the shape of sensing object. Be sure to
check the operation with the actual sensing object.
Setting range
of the reflector: B
Sensing
object
Sensing
range: A
Sensor
Reflector
CX-491□
CX-493□
CX-481□
CX-483□
CX-482□
A
0 to 3 m
0 to 9.843 ft
0 to 5 m
0 to 16.404 ft
50 to 500 mm
1.969 to 19.685 in
50 to 1,000 mm
1.969 to 39.37 in
0.1 to 2 m
0.328 to 6.562 ft
B
0.1 to 3 m
0.328 to 9.843 ft
0.1 to 5 m
0.328 to 16.404 ft
100 to 500 mm
3.937 to 19.685 in
100 to 1,000 mm
3.937 to 39.37 in
0.8 to 2 m
2.625 to 6.562 ft
Standard type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com