Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 23 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 23 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor RF-13 Datasheet HTML 19Page - Panasonic Semiconductor RF-13 Datasheet HTML 20Page - Panasonic Semiconductor RF-13 Datasheet HTML 21Page - Panasonic Semiconductor RF-13 Datasheet HTML 22Page - Panasonic Semiconductor RF-13 Datasheet HTML 23Page - Panasonic Semiconductor RF-13 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
22
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
( )
( )
( )
( )
( )
( )
25.5
1.004
10
0.394
2-ø6.6 ø0.260 mounting holes
45
1.772
32
1.260
Base
(PA)
8
0.315
18
0.709
20
0.787
28
1.102
28.45
1.120
12
0.472
16.5
0.650
147
5.787
(Note 1)
44.5
1.752
203.5
8.012
134
5.276 (Note 1)
33
1.299
210
8.268
16.5
0.650
33
1.299
6 0.236
218
8.583
2-ø3.4 ø0.134
mounting holes
Arm joint
(Nylon 6)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
2-3.2 0.126×4.2 0.165
oblong holes
Cable guide
(POM)
Sensor mounting bracket
[Stainless steel (SUS304)]
(Note 2)
4.2
0.165
( )
Two M3 (length 14 mm 0.551 in) screws
with washers, two M3 (length 16 mm
0.630 in) screws with washers, two M3
(length 18 mm 0.709 in) screws with
washers, one auxiliary mounting plate for
EQ-20 series and one auxiliary mounting
plate for
EX-40 series are attached.
( )
( )
( )
( )
( )
( )
( )
24.5
0.965
32
1.260
46
1.811
Base
(PA)
31
1.220
15
0.591
8
0.315
10
0.394
20
0.787
2-ø6.6 ø0.260
mounting holes
28.45
1.120
12
0.472
16.5
0.650
147
5.787
(Note 1)
36.5
1.437
208.5
8.209
134
5.276 (Note 1)
33
1.299
210
8.268
16.5
0.650
33
1.299
6 0.236
210
8.268
20
0.787
2-ø3.4 ø0.134
mounting holes
Arm joint
(Nylon 6)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
ø10 ø0.394 pipe
2-3.2 0.126×4.2 0.165
oblong holes
Cable guide
(POM)
Sensor mounting bracket
[Stainless steel (SUS304)]
(Note 2)
4.2
0.165 [Stainlesssteel(SUS304)]
Two M3 (length 14 mm 0.551 in) screws with
washers, two M3 (length 16 mm 0.630 in) screws
with washers, two M3 (length 18 mm 0.709 in)
screws with washers, one auxiliary mounting
plate for
EQ-20 series and one auxiliary mounting
plate for
EX-40 series are attached.
Assembly dimensions with RF-220 (Reflector)
(Mounting part only)
Assembly dimensions with RF-230 (Reflector)
(Mounting part only)
Two M3 (length 8 mm 0.315 in)
screws with washers and two M4
(length 8 mm 0.315 in) screws
with washers are attached.
(Note)
147
5.787
18
0.709
28
1.102
11.8
0.465
25.5
1.004
10
0.394
32
1.260
2-ø6.6 ø0.260 mounting holes
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
8
0.315
45
1.772
20
0.787
Base
(PA)
20
0.787
28
1.102
2-M4
25
0.984
45°
45°
Attachment
(Nylon 6)
2-M3
t 2 t 0.079
22
0.866
17
0.669
M4 hexagon-
socket-head bolt
208
8.189
50
1.969
40
1.575
44.5
1.752
4.2
0.165
( ) ( )
( )
t 2
t 0.079
M4 hexagon-socket-
head bolt
20
0.787
11.8
0.465
28
1.102
45.3
1.783
28
1.102
45°
45°
36.3
1.429
20
0.787
2-M3 (length 8 mm 0.315 in)
screws with washers
55.3
2.177
38
1.496
12
0.472
50
1.969
4.2
0.165
35.3
1.390
Two M3 (length 8 mm 0.315 in)
screws with washers and two M4
(length 8 mm 0.315 in) screws
with washers are attached.
22
0.866 2-M4
25
0.984
11.8
0.465
17
0.669
M4 hexagon-
socket-head bolt
2-M3
t 2 t 0.079
45°
45°
28
1.102
20
0.787
Attachment
(Nylon 6)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
(Note)
32
1.260
24.5
0.965
31
1.220
15
0.591
8
0.315
46
1.811
Base
(PA)
10
0.394
20
0.787
2-ø6.6 ø0.260
mounting holes
20
0.787
200
7.874
143.5
5.650
40
1.575
50
1.969
4.2
0.165
40
1.575
( )
( )
( )
11.8
0.465
71.3
2.807
20
0.787
45°
45°
t 2
t 0.079
2-M4 (length 8 mm 0.315 in)
screws with washers
28
1.102
36.3
1.429
20
0.787
M4 hexagon-socket-
head bolt
47
1.850
50.3
1.980
37
1.457
61.3
2.413
4.2
0.165
MS-AJ1-A
Universal sensor mounting stand (Optional)
MS-AJ1-M
Universal sensor mounting stand (Optional)
MS-AJ2-M
Universal sensor mounting stand (Optional)
MS-AJ2-A
Universal sensor mounting stand (Optional)
Notes: 1) The dimensions in the brackets indicate the adjustable range
of the movable part.
2) Refer to
MS-AJ1 / MS-AJ2 for the assembly dimensions with
the sensor mounting bracket, sensor or reflector.
Notes: 1) The dimensions in the brackets indicate the adjustable range
of the movable part.
2) Refer to
MS-AJ1 / MS-AJ2 for the assembly dimensions with
the sensor mounting bracket, sensor or reflector.
Note: The dimensions in the brackets indicate the adjustable range of
the movable part.
Note: The dimensions in the brackets indicate the adjustable range of
the movable part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com