Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor RF-13 Datasheet HTML 14Page - Panasonic Semiconductor RF-13 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10
Interference
prevention filter
•
PF-CX4-V
(Vertical, Silver)
•
PF-CX4-H
(Horizontal, Light brown)
Two sets of
CX-411□
can be mounted close
together.
Designation
Model No.
Slit size
Sensing range
Min. sensing object
Slit mask
Sensor
Slit on one side Slit on both sides Slit on one side Slit on both sides
Round slit mask
(
)
For thru-
beam type
sensor only
OS-CX-05
CX-411□
ø0.5 mm
ø0.020 in
400 mm 15.748 in
20 mm 0.787 in
ø12 mm ø0.472 in
ø0.5 mm ø0.020 in
CX-412□
600 mm 23.622 in
30 mm 1.181 in
CX-413□
1,200 mm 47.242 in 60 mm 2.362 in
OS-CX-1
CX-411□
ø1 mm
ø0.039 in
900 mm 35.433 in
100 mm 3.937 in
ø12 mm ø0.472 in
ø1 mm ø0.039 in
CX-412□
1.35 m 4.429 ft
150 mm 5.906 in
ø1.5 mm ø0.059 in
CX-413□
2.7 m 8.857 ft
300 mm 11.811 in
OS-CX-2
CX-411□
ø2 mm
ø0.079 in
2 m 6.562 ft
400 mm 15.748 in
ø12 mm ø0.472 in
ø2 mm ø0.079 in
CX-412□
3 m 9.843 ft
600 mm 23.622 in
ø3 mm ø0.118 in
CX-413□
6 m 19.685 ft
1,200 mm 47.242 in
Rectangular slit
mask
(
)
For thru-
beam type
sensor only
OS-CX-05×6
CX-411□
0.5×6 mm
0.020×0.236 in
2 m 6.562 ft
400 mm 15.748 in
ø12 mm ø0.472 in 0.5×6 mm
0.020×0.236 in
CX-412□
3 m 9.843 ft
600 mm 23.622 in
CX-413□
6 m 19.685 ft
1,200 mm 47.242 in
OS-CX-1×6
CX-411□
1×6 mm
0.039×0.236 in
3 m 9.843 ft
1 m 3.281 ft
ø12 mm ø0.472 in 1×6 mm
0.039×0.236 in
CX-412□
4.5 m 14.764 ft
1.5 m 4.921 ft
CX-413□
9 m 29.528 ft
3 m 9.843 ft
OS-CX-2×6
CX-411□
2×6 mm
0.079×0.236 in
5 m 16.404 ft
2 m 6.562 ft
ø12 mm ø0.472 in 2×6 mm
0.079×0.236 in
CX-412□
7.5 m 24.606 ft
3 m 9.843 ft
CX-413□
15 m 49.213 ft
6 m 19.685 ft
OPTIONS
Designation
Model No.
Sensing range
Min. sensing object
Interference
prevention filter
(
)
For
CX-411□
only
PF-CX4-V
(Vertical, Silver)
2 pcs. per set
5 m 16.404 ft (Note 1)
ø12 mm ø0.472 in
(Note 1)
PF-CX4-H
(Horizonal, Light brown)
2 pcs. per set
Reflector
(
)
For retro-
reflective type
sensor only
RF-210
CX-491□
1 m 3.281 ft (Note 2)
ø30 mm ø1.181 in
CX-493□
1.5 m 4.921 ft (Note 2)
CX-481□
CX-483□
0.1 to 0.3 m 0.3288 to 0.984 ft (Note 2)
CX-482□
0.1 to 0.6 m 0.328 to 1.969 ft (Note 2)
RF-220
CX-491□
1.5 m 4.921 ft (Note 2)
ø35 mm ø1.378 in
CX-493□
3 m 9.843 ft (Note 2)
CX-481□
50 to 300 mm 1.969 to 11.811 in (Note 2)
CX-483□
0.1 to 0.7 m 0.328 to 2.297 ft (Note 2)
CX-482□
0.1 to 1.3 m 0.328 to 4.265 ft (Note 2)
RF-230(Note 3)
CX-491□-Y 3 m 9.843 ft (Note 2)
ø50 mm ø1.969 in
Notes: 1) Value when attached on both sides.
2) Set the distance between the
CX-491□/493□ and the reflector to 0.1 m 0.328 ft or more.
However, see the table below for
CX-48□.
The sensing range: A of the table below may vary depending on the shape of sensing object.
Be sure to check the operation with the actual sensing object.
Setting range
of the reflector: B
Sensing
object
Sensing
range: A
Sensor
Reflector
Model No.
A
B
Sensor Reflector
CX-481□ RF-220 50 to 300 mm 1.969 to 11.811 in 100 to 300 mm 3.937 to 11.811 in
CX-483□
RF-220 0.1 to 0.7 m 0.328 to 2.297 ft 0.2 to 0.7 m 0.656 to 2.297 ft
RF-210 0.1 to 0.3 m 0.328 to 0.984 ft 0.1 to 0.3 m 0.328 to 0.984 ft
RF-230 0.05 to 1 m 0.164 to 3.281 ft 0.1 to 1 m 0.328 to 3.281 ft
CX-482□
RF-220 0.1 to 1.3 m 0.328 to 4.265 ft 0.5 to 1.3 m 1.640 to 4.265 ft
RF-210 0.1 to 0.6 m 0.328 to 1.969 ft 0.3 to 0.6 m 0.984 to 1.969 ft
3)
RF-230 is attached to the retroreflective type sensor other than the basic type.
Round slit mask
•
OS-CX-□
Fitted on the front face
of the sensor with one-
touch.
Rectangular slit
mask
•
OS-CX-□×6
Fitted on the front face
of the sensor with one-
touch.
Round slit mask
(Stainless steel)
Rectangular slit mask
(Stainless steel)
Interference prevention filter
50.3 mm
1.98 in
8.3 mm
0.327 in
59.3 mm
2.235 in
Reflector
•
RF-210
•
RF-220
33.3 mm
1.311 in
11 mm
0.433 in
12.8 mm
0.504 in
35.3 mm
1.390 in
8.3 mm
0.327 in
42.3 mm
1.665 in
•
RF-230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com