Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  RF-13 Datasheet HTML 1Page - Panasonic Semiconductor RF-13 Datasheet HTML 2Page - Panasonic Semiconductor RF-13 Datasheet HTML 3Page - Panasonic Semiconductor RF-13 Datasheet HTML 4Page - Panasonic Semiconductor RF-13 Datasheet HTML 5Page - Panasonic Semiconductor RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
Contributing to reduced carbon dioxide emissions
Electricity consumed by the
CX-400 series has
been reduced on average 10.5 mA. Calculating
8 hours/day, 260 days (operating 5 days/week)
for a total of 2,080 hours/year leads to:
The
CX-400
contributes
Approx. 84.6 t annually in carbon
dioxide reductions to the world
The
CX-400 series has three different cable
length types and uses very simple packaging
to reduce waste. The bag is made of
polyethylene and does not emit toxic gasses.
The
CX-400 series is capable of stably detecting
a minute difference of 0.4 mm 0.016 in (the
thickness of a business card) or 10 μm 0.394
mil ultra-thin film, thanks to its unique optics and
specialized design of electronic circuits.
Bright red beam spot is useful when
confirming a detection position.
Thoroughly eliminating unnecessary waste,
reducing many environmental burdens
High performance
for many applications
Save
High
Performance
Stronger noise resistance
Stronger inverter countermeasures
The
CX-400 has a high noise resistance then its previons
model. By incorporating an inverter countermeasure
circuit that appropriately shifts with peak wavelength,
the sensor now resists high-frequency noise from
high-voltage inverter motors and inverter lights more
effectively.
Stronger output short-circuit resistance
Stronger inverse wiring connection protection
Strengthening the output circuit inverse polarity protection
prevents sensor damage caused by mistaken output or
power supply wiring.
Previous
CX-482
25 mA
Upgrade for up to
60%reduction
New
CX-482
10 mA
Reducing environmental burdens further
Up to 60% less power consumption
The
CX-400 series achieves reductions in power consumption
of up to 60%, averaging 44% reduction when upgrading due to
its unique design. These sensors reduce carbon emissions and
contribute to environmental friendliness.
1
Upgrade
2
Upgrade
3
Upgrade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com