Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 22 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 22 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor RF-13 Datasheet HTML 19Page - Panasonic Semiconductor RF-13 Datasheet HTML 20Page - Panasonic Semiconductor RF-13 Datasheet HTML 21Page - Panasonic Semiconductor RF-13 Datasheet HTML 22Page - Panasonic Semiconductor RF-13 Datasheet HTML 23Page - Panasonic Semiconductor RF-13 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
21
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
Assembly dimensions
Material: Cold rolled carbon steel (SPCC)
(Uni-chrome plated)
Two M4 (length 10 mm 0.394 in) screws with washers are attached.
40
1.575
4.5
0.177
3
0.118
10
0.394 11
0.433
50
1.969
40
1.575
5 0.197
16 0.630
15 0.591
18 0.709
7 0.276
20
0.787
t 2
t 0.079
8-M4×0.7 0.028 thru-hole threads
26
1.024
12
0.472
35
1.378
3
0.118
61
2.402
( )
( )
28
1.102
( )
40
1.575
4.5
0.177
28.3
1.114
19.3
0.760
8.3
0.327
10
0.394
50.3
1.980
49.3
1.941
5
0.197
t 2
t 0.079
10
0.394
30
1.181
61.3
2.413
7
0.276
37
1.457
40
1.575
( )
( )
25.5
1.004
10
0.394
2-ø6.6 ø0.260 mounting holes
45
1.772
32
1.260
Base
(PA)
8
0.315
18
0.709
20
0.787
28
1.102
20
0.787
1 0.039
20
0.787
1
0.039
25
0.984
33
1.299
17.8
0.701 12
0.472
11.8
0.465
44.5
1.752
218
8.583
147
5.787
28
1.102
45°
45°
t 2
t 0.079
6 0.236
20 0.787
Attachment
(Nylon 6)
M4 hexagon-
socket-head
bolt
2-ø3.4 ø0.134
mounting holes
2-3.2 0.126×4.2 0.165
oblong holes
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Sensor mounting bracket
[Stainless steel (SUS304)]
Cable guide
(POM)
4.2 0.165
3.2
0.126
(Note)
4
0.157
20
0.787
( )
( )
( )
Two M3 (length 14 mm 0.551 in) screws
with washers, two M3 (length 16 mm
0.630 in) screws with washers, two M3
(length 18 mm 0.709 in) screws with
washers, one auxiliary mounting plate for
EQ-20 series and one auxiliary mounting
plate for
EX-40 series are attached.
11.8
0.465
20 0.787
17.8
0.701 12
0.472
t 2
t 0.079
2-ø3.4 ø0.134
mounting holes
2-3.2 0.126×4.2 0.165
oblong holes
45°
45°
4.2 0.165
3.2
0.126
M4 hexagon-
socket-head
bolt
1 0.039
1
0.039
20
0.787
25
0.984
33
1.299
20
0.787
Attachment
(Nylon 6)
Sensor mounting bracket
[Stainless steel (SUS304)]
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
2-ø6.6 ø0.260
mounting holes
Base
(PA)
32
1.260
46
1.811
20
0.787
8
0.315
15
0.591
31
1.220
20
0.787
36.5
1.437
( )
( )
( )
147
5.787 (Note)
Cable guide
(POM)
10
0.394
24.5
0.965
20
0.787
210
8.268
28
1.102
6 0.236
4
0.157
Two M3 (length 14 mm 0.551 in) screws
with washers, two M3 (length 16 mm
0.630 in) screws with washers, two M3
(length 18 mm 0.709 in) screws with
washers, one auxiliary mounting plate for
EQ-20 series and one auxiliary mounting
plate for
EX-40 series are attached.
Note: The dimensions in the brackets indicate the adjustable range of
the movable part.
Note: The dimensions in the brackets indicate the adjustable range of
the movable part.
Assembly dimensions with CX-400 series
(Mounting part only)
Assembly dimensions with RF-210 (Reflector)
(Mounting part only)
20
0.787
11.8
0.465
33
1.299
20
0.787
28
1.102
27
1.063
17.6
0.693
45°
45°
t 2
t 0.079
6
0.236
Center of sensing
2-M3 (length14 mm 0.551 in)
screws with washers
4.2
0.165
25.4
1.000
23.2
0.913
18.4
0.724
24.8
0.976
45°
45°
t 2
t 0.079
25
0.984
33.3
1.311
31.8
1.252
20
0.787
2-M3 (length14 mm 0.551 in)
screws with washers
4.2
0.165
20
0.787
11.8
0.465
6
0.236
33
1.299
MS-RF23
Reflector mounting bracket for RF-230 (Optional)
MS-AJ1
Universal sensor mounting stand (Optional)
MS-AJ2
Universal sensor mounting stand (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com