Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor RF-13 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
9
ORDER GUIDE
0.5 m 1.640 ft / 5 m 16.4 ft cable length types
0.5 m 1.640 ft / 5 m 16.404 ft cable length types (standard: 2 m 6.562 ft, basic: 0.5 m 1.640 in) are also available.
When ordering this type, suffix “
-C05” for the 0.5 m 1.640 ft cable length type, “-C5” for the 5 m 16.404 ft cable length type to the model No.
(Excluding
CX-44□ and basic type.)
(e.g.) 0.5 m 1.640 ft cable length type of
CX-411-P is “CX-411-P-C05”
5 m 16.404 ft cable length type of
CX-411-P is “CX-411-P-C5”
M8 plug-in connector type, M12 pigtailed type
M8 plug-in connector type and M12 pigtailed type are also available.
When ordering this type, suffix “
-Z” for the M8 connector type, “-J” for the M12 pigtailed type to the model No.
(Please note that M12 pigtailed type is not available for
CX-44□. Excluding basic type.)
(e.g.) M8 connector type of
CX-411-P is “CX-411-P-Z”
M12 pigtailed type of
CX-411-P is “CX-411-P-J”
• Mating cables (2 cables are required for the thru-beam type)
Type
Model No.
Cable length
Description
Straight
CN-24A-C2
2 m 6.562 ft
Can be used with all models
CN-24A-C5
5 m 16.404 ft
Elbow
CN-24AL-C2
2 m 6.562 ft
CN-24AL-C5
5 m 16.404 ft
2-core
CN-22-C2
2 m 6.562 ft
For thru-beam type emitter
(2-core)
CN-22-C5
5 m 16.404 ft
4-core
CN-24-C2
2 m 6.562 ft
Can be used with all models
CN-24-C5
5 m 16.404 ft
Package without reflector
NPN output type:
CX-491-Y
PNP output type:
CX-491-P-Y
Accessory
•
RF-230 (Reflector)
•
CN-24AL-C2
CN-24AL-C5
•
CN-22-C2, CN-22-C5
CN-24-C2, CN-24-C5
Mating cables
•
CN-24A-C2
CN-24A-C5
31.4 mm
1.236 in
ø4 mm
ø0.157 in
ø9 mm
ø0.354 in
23.1 mm
0.909 in
ø4 mm
ø0.157 in
ø9 mm
ø0.354 in
20.5 mm
0.807 in
300 mm
11.811 in
ø14 mm
ø0.551 in
ø5 mm
ø0.197 in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com