Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor RF-13 Datasheet HTML 12Page - Panasonic Semiconductor RF-13 Datasheet HTML 13Page - Panasonic Semiconductor RF-13 Datasheet HTML 14Page - Panasonic Semiconductor RF-13 Datasheet HTML 15Page - Panasonic Semiconductor RF-13 Datasheet HTML 16Page - Panasonic Semiconductor RF-13 Datasheet HTML 17Page - Panasonic Semiconductor RF-13 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
13
Type
Adjustable range reflective
Small spot
NPN output
CX-441
CX-443
CX-444
CX-442
Item
PNP output
CX-441-P
CX-443-P
CX-444-P
CX-442-P
Applicable CE marking directive
EMC Directive, RoHS Directive
Adjustable range (Note 2)
20 to 50 mm 0.787 to 1.969 in
20 to 100 mm 0.787 to 3.937 in 40 to 300 mm 1.575 to 11.811 in
Sensing range (with white non-glossy paper)
2 to 50 mm 0.079 to 1.969 in
15 to 100 mm 0.591 to 3.937 in 20 to 300 mm 0.787 to 11.811 in
Hysteresis
(with white non-glossy paper)
2 % or less of operation distance
5 % or less of operation distance
Repeatability
Along sensing axis: 1 mm 0.039 in or less, Perpendicular to sensing axis: 0.2 mm 0.008 in or less (with white non-glossy paper)
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
20 mA or less
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 2 V or less (at 100 mA sink current)
1 V or less (at 16 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 2 V or less (at 100 mA source current)
1 V or less (at 16 mA source current)
Output operation
Switchable either Detection-ON or Detection-OFF
Short-circuit protection
Incorporated
Response time
1 ms or less
Operation indicator
Orange LED (lights up when the output is ON)
Stability indicator
Green LED (lights up under stable operating condition) (Note 3)
Distance adjuster
5-turn mechanical adjuster
Sensing mode
BGS / FGS functions Switchable with wiring of sensing mode selection input
Automatic interference prevention function (Note 4)
Incorporated
Protection
IP67 (IEC)
Ambient temperature
-25 to +55 °C -13 to +131 °F (No dew condensation or icing allowed), Storage: -30 to +70 °C -22 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 500 Hz frequency, 3 mm 0.118 in double amplitude (20 G max.) in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Emitting element
Red LED (Peak emission wavelength: 650 nm 0.026 mil, modulated)
Spot diameter
ø2 mm ø0.079 in approx.
(at 50 mm 1.969 in distance)
ø6.5 mm ø0.256 in approx.
(at 50 mm 1.969 in distance)
ø9 mm ø0.354 in approx.
(at 100 mm 3.937 in distance)
□15 mm □0.591 in approx.
(at 300 mm 11.811 in distance)
Material
Enclosure: PBT (Polybutylene terephthalate), Lens: Polycarbonate, Indicator cover: Polycarbonate
Cable
0.2 mm2 4-core cabtyre cable, 2 m 6.562 ft long
Cable extension
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 55 g approx., Gross weight: 65 g approx.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The adjustable range stands for the maximum sensing range which can be set with the distance adjuster. The sensor can detect an object
2 mm 0.079 in [
CX-444(-P): 15 mm 0.591 in, CX-442(-P): 20 mm 0.787 in], or more, away.
Actual sensing range
of the sensor: A
Sensing
object
Adjustable range: B
CX-441□/443□
CX-444□
CX-442□
A
2 to 50 mm
0.079 to 1.969 in
15 to 100 mm
0.591 to 3.937 in
20 to 300 mm
0.787 to 11.811 in
B
20 to 50 mm
0.787 to 1.969 in
20 to 100 mm
0.787 to 3.937 in
40 to 300 mm
1.575 to 11.811 in
3) Refer to the manual or the general catalog for operation of the stability indicator.
4) Note that detection may be unstable depending on the mounting conditions or the sensing object. In the state that this product is mounted, be sure to
check the operation with the actual sensing object.
SPECIFICATIONS
Standard type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com