Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-13 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # RF-13
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  RF-13 Datasheet HTML 1Page - Panasonic Semiconductor RF-13 Datasheet HTML 2Page - Panasonic Semiconductor RF-13 Datasheet HTML 3Page - Panasonic Semiconductor RF-13 Datasheet HTML 4Page - Panasonic Semiconductor RF-13 Datasheet HTML 5Page - Panasonic Semiconductor RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4
Transparent object sensing type sensor CX-48□
Our unique optical system and transparent object sensing
circuit provide stable sensing of thinner transparent objects
than the conventional models.
Twice the
sensing
range!
Transparent objects detectable with CX-48□ (Typical examples)
Sensing object
Sensing object size (mm in)
Glass sheet
□50 □1.969
t=0.7 t=0.028
Cylindrical glass
ø50 ø1.969 ℓ =50 ℓ =1.969
t=1.3 t=0.051
Acrylic board
□50 □1.969
t=1.0 t=0.039
Styrol (Floppy case)
□50 □1.969
t=0.9 t=0.035
Food wrapping film
□50 □1.969
t=10 µm t=0.394 mil
Cigarette case film
□50 □1.969
t=20 µm t=0.787 mil
Vinyl bag
□50 □1.969
t=30 µm t=1.181 mil
Pet bottle (500mℓ)
ø66 ø2.598
Reflector setting range
CX-481: 300 to 500 mm 11.811 to 19.685 in
CX-482: 1 to 2 m 3.281 to 6.562 ft
CX-483: 500 to 1,000 mm 19.685 to 39.370 in
[with the
RF-230 reflector at the optimum condition (Note)]
Each object should pass across the beam at the center between the sensor and the reflector.
ℓ : Length of cylindrical glasses
t : Thickness of sensing object
Note: The optimum condition is defined as the condition in which the sensitivity level
is set such that the stability indicator just lights up when the object is absent.
Diffuse reflective type
CX-422: 800 mm 31.496 in
CX-421: 300 mm 11.811 in
CX-424: 100 mm 3.937 in
CX-423: 70 to 300 mm
2.756 to 11.811 in
Applications
Applications
CX-411
CX-411
CX-491
CX-491
■ Detecting pins in the case
■ Passage confirmation on substrate
conveyor equipment
■ Detecting glossy electric
appliances
■ Passage confirmation of
object on a conveyor belt
■ Detecting plastic bottles
stacked on pallets
■ Detecting transparent film
CX-423
Spot diameter
ø2.2 mm
0.087 in approx.
100 mm
3.937 in
approx.
100 mm
3.937 in
approx.
CX-424
Narrow-view type
CX-481
CX-482
Great visibility approx. ø2 mm
ø0.079 in high luminance spot beam
(at setting distance 100 mm 3.937 in)
CX-423
Beam axis alignment made easy with a high luminance spot beam
CX-423
These sensors have a high luminance
red LED spot beam which provides bright
visibility enabling the sensing position to
be checked at a glance.
Because it achieved small beam spot
approx. ø2 mm ø0.079 in at setting
distance 100 mm 3.937 in, approx. ø5 mm
ø0.197 in at setting distance 200 mm
7.874 in, even the minutest object can be
accurately detected.
Reduction of volume adjustment labor
All models
Because these sensors possess many
variations depending on the sensing
range, they enable you to make optimal
volume adjustment easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com