Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 45 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments MSP430 Datasheet HTML 46Page - Texas Instruments MSP430 Datasheet HTML 47Page - Texas Instruments MSP430 Datasheet HTML 48Page - Texas Instruments MSP430 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
7.5 Programming
The AFEx8101 communicate with the system controller through a serial interface that supports either a UART-
compatible two-wire bus or an SPI-compatible bus. Based on the hardware configuration, either interface can
be enabled. Figure 7-17 and Figure 7-18 show the configurations to enable SPI mode and UART break mode
(UBM), respectively. The SPI supports an 8-bit frame-by-frame CRC that is enabled by default, but can be
disabled by the user. UBM does not support CRC, but does support the UART protocol parity bit.
7.5.1 Communication Setup
After any reset or power up, the AFEx8101 wake up able to use the SPI or UART break mode (UBM). The
devices include a robust mechanism that configures the interface between either an SPI-compatible or UART-
compatible protocol based system, thus preventing protocol change during normal operation. The selection is
based on initial conditions from the respective hardware configurations (see Figure 7-17 and Figure 7-18) and
any subsequent user configuration.
7.5.1.1 SPI Mode
By default, the AFEx8101 can be fully accessed with the SPI (except UBM.REG_MODE). To set up the device in
SPI mode:
1. Set CONFIG.UART_DIS = 1 (disables the UART communication).
2. Optionally, set CONFIG.DSDO, CONFIG.FSDO, CONFIG.CLR_PIN_EN, and CONFIG.IRQ_PIN_EN. For
details, see Table 7-14.
IOVDD
UART
(UBM)
Control Logic
SDI
SDO
SCLK
UARTOUT
UARTIN
Clock
Data In
Data Out
Chip Select
System
Controller
AFE
Minimum
Functionality
IOVDD
RESET
CS
SCLR
UART
(UBM)
Control Logic
SDI
SDO
SCLK
UARTOUT
UARTIN
Clock
Data In
Data Out
Chip Select
Reset
Interrupt
System
Controller
AFE
Maximum
Functionality
RESET
CS
SCLR
Clear
GND
IOVDD
CLK_OUT
CLK_OUT
Monitor
Figure 7-17. SPI Mode Connections
Figure 7-17 shows the SPI mode logical connections (through the isolation barrier, if used) for both
minimum functionality (all optional pins disconnected) and maximum functionality (all pins connected). If
CONFIG.IRQ_PIN_EN = 1 is set, then the UARTOUT pin functions as the IRQ output. In SPI mode, set
CONFIG.SDO_DSDO = 0 to enable the readback function. This function is disabled by default to save power. If
the readback function not enabled, SDO remains in Hi-Z mode even during the subsequent frame after a read
request.
7.5.1.2 UART Mode
At power up, the UART interface is set to 9600 baud with UBM enabled. Any reset clears the UBM register, and
the register must be set again to use UBM. To set up the device in UBM:
1. Using UBM, set UBM.REG_MODE = 1 at 9600 baud. This setting blocks the SPI from accessing the device
and enables the UART interface access to the entire register map.
2. Optionally, set CONFIG.CLR_PIN_EN and CONFIG.IRQ_PIN_EN (See Table 7-14 for details).
Figure 7-18 shows the UBM logical connections (through the isolation barrier, if used) for both
minimum functionality (all optional pins disconnected) and maximum functionality (all pins connected). If
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com