Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 76 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 76 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments MSP430 Datasheet HTML 79Page - Texas Instruments MSP430 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
8.2.1.2.2 Current Loop Control
The AFE88101 sets an output voltage from 0.3 V to 2.5 V if configured in Range 0 with PVDD > 2.7 V. Figure 8-5
shows the feedback circuit that sets the loop current from the DAC output voltage.
+
–
3V3
1 k
40.2
40.2 k
100 k
LOOP–
100 nF
OPA333
0.3 V to 2.5 V
from
AFE88101
Q4
VOUT
I
LOOP
20 M
3V3
8.2
510
330 k
200 k
10 μF
LOOP+
Q2
Q3
3V3
Figure 8-5. Current Loop Control for the AFE88101 Transmitter
In this circuit, the VOUT voltage is set across the 100-kΩ resistor by the AFE88101. The opposite end of the
100-kΩ resistor is set to ground by the feedback of the OPA333. The current across the 100-kΩ resistor is VOUT
divided by 100 kΩ. This current continues through the 40.2-kΩ resistor so that the voltage at LOOP– is less than
ground. Equation 11 calculates the voltage at LOOP–.
VLOOP–= – VOUT/100kΩ ×40.2kΩ= –VOUT×0.402
(11)
When the DAC output voltage is set to 0.3 V, the voltage at LOOP– is 0.1206 V less than ground. When the
DAC output voltage is set to 2.5 V, the voltage at LOOP– is 1.005 V less than ground. The LOOP– voltage
sets the loop current that flows from ground to LOOP– through the 40.2-Ω resistor. This current is sourced from
ground but controlled by the current sunk from Q4 coming from the start-up circuit. Equation 12 calculates the
loop current.
ILOOP= –VLOOP/40.2kΩ
(12)
Substituting Equation 12 into Equation 11, Equation 13 is obtained.
ILOOP=VOUT×0.402/40.2Ω=VOUT/100Ω
(13)
When the DAC output voltage is set to 0.3 V, the loop current is 3 mA. When the DAC output voltage is set
to 2.5 V, the loop current is 25 mA. The OPA333 drives the base of transistor Q4 to pull the correct amount of
current to set the feedback loop. The current pulled from LOOP+ powers the board. Excess current greater than
what is required to power the board is shunted through the TLVH431B regulator.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
76
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com