Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 74 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 74 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 70Page - Texas Instruments MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
8.2.1.1 Design Requirements
The design requirements are:
• Transmitter with a current output range of 4 mA to 20 mA for a process variable signal
• Out-of-range current output capability from 3 mA to 25 mA for error or fault signal levels
• Operation with standard industrial automation supply voltages from 12 V to 30 V
• Current and voltage outputs with TUE less than 0.5% at 25°C
• Total on-board current must be less than or equal to 3 mA
8.2.1.2 Detailed Design Procedure
Figure 8-3 shows a block diagram of a loop-powered, 4-mA to 20-mA current transmitter.
Power
and
Digital
Isolation
Loop
Protection
AFE88101
MCU
MSP430FR5969
Start-Up and
V-to-I
Converter
+VTERMINAL
–VTERMINAL
LDO
LDO
Sensor
and
AFE
4-mA to
20-mA
Loop
Terminals
Boost
Constructed Section of the Circuit
Figure 8-3. Block Diagram of a Loop-Powered, 4-mA to 20-mA Current Transmitter
The terminals connected to the loop are shown on the right side of the block diagram. This connection to the
loop powers the entire transmitter. A bridge rectifier at the input protects against reverse connection to the
loop. The rectified loop voltage powers a start-up circuit that provides power to an LDO, that in turn powers
the AFE88101. The LDO powers a flyback converter acting as a boost and supplies power across an isolation
barrier. On the other side of the isolation barrier, another LDO powers the MCU and any sensor connected to the
transmitter. The LDOs also power the digital signal isolation on each side of the barrier.
The AFE88101 controls the loop current through the voltage-to-current (V-to-I) converter block. The DAC voltage
sets the output from 0.3 V to 2.5 V. The output is sent through a V-to-I converter block using an OPA333 and an
NPN bipolar junction transistor (BJT).
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
74
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com