Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 3 Page - Texas Instruments

  MSP430 Datasheet HTML 1Page - Texas Instruments MSP430 Datasheet HTML 2Page - Texas Instruments MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
5 Pin Configuration and Functions
1
UARTIN
1
UARTIN
18
VOUT
18
VOUT
2
UARTOUT
2
UARTOUT
17
PVDD
17
PVDD
3
NC
3
NC
16
POL_SEL/AIN1
16
POL_SEL/AIN1
4
SCLR
4
SCLR
15
AIN0
15
AIN0
5
REF_EN
5
REF_EN
14
GND
14
GND
6
RESET
6
RESET
13
VDD
13
VDD
Not to scale
Not to scale
1
UARTIN
18
VOUT
2
UARTOUT
17
PVDD
3
NC
16
POL_SEL/AIN1
4
SCLR
15
AIN0
5
REF_EN
14
GND
6
RESET
13
VDD
Not to scale
Figure 5-1. RRU (24-pin UQFN) Package, Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AIN0
15
AI
ADC input voltage. The input range is 0 V to VREF if PVDD = VDD, or 0 V to 2 × VREF if PVDD > 2.7 V.
ALARM
24
DO
Alarm notification. Open drain. When alarm condition is asserted, this pin is held to logic low; otherwise,
this pin is in a high-impedance state (Hi-Z).
CLK_OUT
11
DO
Clock output. This pin can be configured as a clock output for the 1.2288
‑MHz internal clock.
CS
10
DI
SPI chip-select. Data bits are clocked into the serial shift register when CS is logic low. When CS is logic
high, SDO is in a high-impedance state and data on SDI are ignored. Do not leave any digital input pins
floating.
GND
14
P
Digital and analog ground. Ground reference point for all circuitry on the device.
GND
21,
22
P
Digital and analog ground.
IOVDD
12
P
Interface supply. Supply voltage for digital input and output circuitry. This voltage sets the logical
thresholds for the digital interfaces.
NC
3, 23
–
No connection. Leave floating.
POL_SEL/AIN1
16
DI/AI
ADC input voltage if SPECIAL_CFG.AIN1_ENB bit is set to 1. The input range is 0 V to VREF if PVDD =
VDD, or 0 V to 2 × VREF if PVDD > 2.7 V. Otherwise, this pin acts as ALMV_POL, which sets the polarity
of the VOUT alarm voltage.
PVDD
17
P
Power supply for the internal low-dropout regulator (LDO), ADC input, and VOUT DAC output. When
2.7 V to 5.5 V is provided, the internal LDO turns on and drives VDD internally. When 1.71 V to 1.89 V is
provided, the internal LDO is disabled.
REF_EN
5
DI
Internal VREF enable input. A logic high on this pin enables the internal VREF and the VREFIO pin
outputs 1.25 V. A logic low on this pin disables the internal VREF and the external 1.25-V reference is
required at the VREFIO pin.
REF_GND
20
P
GND reference for VREFIO pin.
RESET
6
DI
Reset. Logic low on this pin places the device into power-down mode and resets the device. Logic high
returns the device to normal operation. Do not leave any digital input pins floating.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com