Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 77 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 77 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments MSP430 Datasheet HTML 79Page - Texas Instruments MSP430 Datasheet HTML 80Page - Texas Instruments MSP430 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
The AFE88101 sets the DAC output voltage through an output code. This conversion to output voltage is set
through Equation 1; VMIN = 0.3 V and FSR = 2.2 V, resulting in Equation 14.
VOUT=DAC_CODE
216 ×2.2V+0.3V
(14)
In 4-mA to 20-mA systems, the nominal output operates from 4 mA as the low output and 20 mA as the high
output. However, systems sometimes use current outputs that are outside this range to indicate different error
conditions. Loop currents of 3.375 mA and 21.75 mA can be used to indicate different loop errors. Table 8-1
shows different loop output currents, along with the DAC code and voltages used.
Table 8-1. DAC Voltage Output and Loop Current Based on DAC Output Codes
OUTPUT CONDITION
DAC CODE
DAC OUTPUT (V)
LOOP CURRENT (mA)
DAC minimum
0x0000
0.3
3
Error low
0x045D
0.3375
3.375
In-range minimum
0x0BA2
0.4
4
In-range midscale
0x68BA
1.2
12
In-range maximum
0xC5D1
2.0
20
Error high
0xDA2E
2.175
21.75
DAC maximum
0xFFFF
2.5
25
Among the passive devices included in the design, choose gain setting resistors that exhibit tight tolerances to
achieve high accuracy. These resistors are primarily responsible for setting the gain of the current loop, along
with primary path of the output current flow.
8.2.1.2.3 Input Protection and Rectification
Figure 8-6 shows the simple protection scheme implemented in the design to mitigate issues that arise from
voltage and current transients on the bus. These transients have two main components: high-frequency and
high-energy. These two components can be leveraged with a strategy of attenuation and diversion by the
protection circuitry to deliver robust immunity.
+V
TERMINAL
-V
TERMINAL
36-V
Bidirectional
TVS Diode
LOOP+
LOOP-
Ferrite
Bead
Figure 8-6. Loop Input Protection
Attenuation uses passive components, primarily resistors and capacitors, to attenuate high-frequency transients
and to limit series current. Use ferrite beads to maintain dc accuracy while still delivering the ability to limit
current from high-frequency transients. This circuit uses a capacitor placed across the input terminals, as well as
ferrite beads in series with the terminals.
Diversion capitalizes on the high-voltage properties of the transient signals by using a diode to clamp the
transient within supply voltages, or to divert the energy away from the system. Transient voltage suppressor
(TVS) diodes help protect against transients because TVS diodes break down very quickly and often feature
high power ratings that are critical to survive multiple transient strikes.
A rectifier is also implemented for reverse polarity protection so that the design can be connected to the bus
regardless of the pin orientation or polarity without damage to the design.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com