Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 69 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 65Page - Texas Instruments MSP430 Datasheet HTML 66Page - Texas Instruments MSP430 Datasheet HTML 67Page - Texas Instruments MSP430 Datasheet HTML 68Page - Texas Instruments MSP430 Datasheet HTML 69Page - Texas Instruments MSP430 Datasheet HTML 70Page - Texas Instruments MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
7.6.1.30 ADC_OUT Register (Offset = 2Dh) [Reset = 0000h]
Return to the Register Map.
Table 7-41. ADC_OUT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
ADC Data for Each Conversion
Does not include ADC_OFFSET.DATA adjustment. Is not affected by
ADC_BYP.DATA.
7.6.1.31 ADC_BYP Register (Offset = 2Eh) [Reset = 0000h]
ADC_BYP is shown in ADC_BYP Register Field Descriptions.
Return to the Register Map.
Table 7-42. ADC_BYP Register Field Descriptions
Bit
Field
Type
Reset
Description
15
DATA_BYP_EN
R/W
0h
Data Bypass Enable
Applies ADC_BYP.DATA to the ADC channel being converted.
ADC_OFFSET is ignored. Do not set OFST_BYP_EN and
DATA_BYP_EN at the same time. If OFST_BYP_EN is also
set, OFST_BYP_EN takes priority over DATA_BYP_EN. In this
case, ADC_BYP.DATA is used for the ADC_OFFSET register, and
DATA_BYP_EN is forced to 0. After a channel is converted, the
ADC_BYP.DATA value appears in the readback register and is used
to calculate faults.
0h = Data bypass disabled (default)
1h = Data bypass enabled
14
OFST_BYP_EN
R/W
0h
Offset Bypass Enable
Overrides the offset register with the ADC_BYP.DATA value. When
using this bit, the ADC_BYP.DATA field is processed as 2's
complement. Do not set OFST_BYP_EN and DATA_BYP_EN at the
same time.
0h = Offset bypass disabled (default)
1h = Offset bypass enabled
13
DIS_GND_SAMP
R/W
0h
Disable GND Sampling
This bit disables the sampling of GND during SAR activity. The
sampling of GND is used to fully discharge the sampling CAP to
reduce channel crosstalk.
0h = GND sampling enabled (default)
1h = GND sampling disabled
12
RESERVED
R
0h
11-0
DATA
R/W
0h
Bypass Data
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com