Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
6.7 Timing Diagrams
t
SCLKHIGH
t
SCLKLOW
Don’t Care
Valid Data
Hi-Z
SDO
FSDO = 0
SDI
SCLK
SPI Mode 1
SDO
FSDO = 1
CS
Discontinuous
Clock Mode
Continuous
Clock Mode
Bit N
Bit 0
Bit N
Bit 0
t
SDODZ
Bit 0
Bit N
t
SDODLY
t
SDODLY
t
SDOZD
Bit 1
Bit 1
Bit 1
t
SDIS
t
SDIH
t
CSS
t
CSH
t
CSRI
t
CSHIGH
t
CSFI
N = 31 for 32-bit frame with CRC
N = 23 for 24-bit frame without CRC
SCLK
SPI Mode 2
Figure 6-1. SPI Timing
S = Start bit, Par = Parity bit, P = Stop bit
UART Communication
S
UART Break Character
t
BAUD
D1
D0
D3
D2
D5
D4
D7
D6
S
Par
P
D1
D0
D3
D2
D5
D4
D7
D6
S
Par
P
11 • t
BAUD
Figure 6-2. UBM Timing
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com