Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 71 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 71 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 67Page - Texas Instruments MSP430 Datasheet HTML 68Page - Texas Instruments MSP430 Datasheet HTML 69Page - Texas Instruments MSP430 Datasheet HTML 70Page - Texas Instruments MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AFEx8101 are extremely low-power 16-bit and 14-bit voltage output DACs. The DACs support a low output
range of 0.15 V to 1.25 V or a high output range of 0.3 V to 2.5 V. These devices have an onboard oscillator
and an optional precision internal reference. Use these output values with a voltage-to-current (V-to-I) converter
stage for 4-mA to 20-mA, loop-powered applications. These devices also feature a SAR ADC that is used to
measure internal and external nodes for making diagnostic measurements with fault detection and alarm actions.
Use these diagnostic measurements together with the CRC and watchdog timer monitoring for device and
system monitoring for functional safety.
The AFEx8101 can operate using extremely low power with 1.8-V supplies. For low-voltage operation, use
PVDD with a 1.8-V nominal supply and an operating range of 1.71 V to 1.89 V. Run the digital interface supply,
IOVDD, from 1.71 V to 5.5 V. During low-voltage operation, the VDD LDO is automatically disabled and VDD
is tied to PVDD. Low-voltage operation allows for both lower power for field transmitter applications and better
voltage compliance when there are high resistances in the loop.
With higher-supply operation, the PVDD has an operating range of 2.7 V to 5.5 V. With this range of operation,
the VDD is powered from an onboard LDO.
8.1.1 Multichannel Configuration
Because CS low is required for communication and SDO can be set to a tri-state condition, only individual CS
signals are required from the microcontroller for all the AFEx8101 devices in the system. The SDI, SDO, and
SCLK signals can be combined. All the individual ALARM pins can be wired-OR together. This minimizes the
number of microcontroller GPIO signals required for communication, as well as the number of isolation channels
for isolated systems. The multichannel configuration block diagram is shown in Figure 8-1.
Microcontroller
AFE #1
GPIO1
SCLK
DOUT
DIN
AFE #2
AFE #3
GPIO2
GPIO3
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
Figure 8-1. Multichannel Configuration
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com