Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 73 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 69Page - Texas Instruments MSP430 Datasheet HTML 70Page - Texas Instruments MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
8.2.1 4-mA to 20-mA Current Transmitter
IOVDD
PVDD
REF_EN
100 nF
100 nF
2.2 μF
VDD
GND
GND
GND
3V3
100 k
3V3
SDI
ALARM
RESET
CS
SDO
SCLK
UARTOUT
UARTIN
NC
100 nF
GND
3V3
GND
GND
100 nF
ISO GND
ISO GND
ISO GND
SCLK
CS
SDI
SDO
3V ISO
INA
INB
VCC1
GND1
EN1
GND1
INC
OUTD
OUTA
OUTB
VCC2
GND2
EN2
GND2
OUTC
IND
100 nF
GND
3V3
GND
100 nF
ISO GND
ISO GND
3V ISO
OUTA
INB
VCC1
GND1
OUTB
VCC2
GND2
INA
100 nF
GND
3V3
GND
100 nF
ISO GND
ISO GND
UARTIN
3V ISO
OUTA
INB
VCC1
GND1
OUTB
VCC2
GND2
INA
3
4
1
2
UARTOUT
4.7 μF
4.7 μF
6.8 μF
4.7 μF
ISO7021
ISO7021
ISO7041
PWR ISO
ISO GND
ISO GND
1 μF
ISO GND
3V ISO
GND
Thermal Pad
OUT
IN
EN
TPS7A0230P
OUT
GND
CFLY+ CFLY-
IN
TPS60402
GND
1 μF
GND
1 μF
22 μF
1 k
560 pF
10
GND
10 μF
GND
10 μF
499 k
499 k
GND
4.7 μF
GND
3V3
AIN0
POL_SEL/AIN1
NC
VOUT
VREFIO
CLK_OUT
GND
REF_GND
8.2
510
249 k
1 k
330 k
200 k
GND
GND
3V3
10 μF
GND
3.6-V Zener
+
–
3V3
GND
GND
GND
680 pF
GND
15.8
AIN0
GND
0
100 nF
GND
1 k
40.2
GND
40.2 k
100 k
GND
LOOP-
LOOP+
300 pF
300 pF
ISOLATION
AFE88101
100 nF
GND
+
–
3V3
GND
GND
100 nF
GND
40.2 k
40.2 k
AIN0
OPA333
OPA333
CD-MBL206SL
Q1
Q2
Q3
Q4
FB1
FB2
PZT2907A
GND
ALARM
RESET
SCLR
40 M
ISO GND
6
5
8
7
3
4
1
2
6
5
8
7
3
4
1
2
7
8
5
6
14
13
16
15
10
9
12
11
5
1
2
4
3
5
1
3
2
4
5
13
12
17
8
9
7
10
2
1
24
6
3
4
21
22
15
16
23
18
19
11
14
10
GND
Figure 8-2. AFEx8101 in a 4-mA to 20-mA Current Transmitter
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com