Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 55 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 51Page - Texas Instruments MSP430 Datasheet HTML 52Page - Texas Instruments MSP430 Datasheet HTML 53Page - Texas Instruments MSP430 Datasheet HTML 54Page - Texas Instruments MSP430 Datasheet HTML 55Page - Texas Instruments MSP430 Datasheet HTML 56Page - Texas Instruments MSP430 Datasheet HTML 57Page - Texas Instruments MSP430 Datasheet HTML 58Page - Texas Instruments MSP430 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
7.6.1.3 CONFIG Register (Offset = 2h) [Reset = 0036h]
Return to the Register Map.
Table 7-14. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
14-13
CRC_ERR_CNT
R/W
0h
CRC Errors Count Limit
Sets the numbers of consecutive SPI CRC frames that must have
errors before the status bits is set.
0h = 1 (default); 1h = 2; 2h = 4; 3h = 8
12
CLKO_DIV
R/W
0h
CLKO Divider
Divide the clock by 128 to output to CLKO.
0h = Divider disabled, output 1.2288 MHz (default)
1h = Divider enabled, output 9600 Hz
11
CLKO_EN
R/W
0h
CLKO Enable
Enable the internal oscillator to be driven on CLKO pin.
0h = Disabled (default); 1h = Enabled
10
RESERVED
R
0h
9
UBM_IRQ_EN
R/W
0h
UBM IRQ Enable
Enable IRQ to be sent on UARTOUT through UBM.
0h = Disabled (default); 1h = Enabled
8
IRQ_PIN_EN
R/W
0h
IRQ Pin Enable
Enable IRQ pin functionality.
0h = Disabled (default); 1h = Enabled
7
CLR_PIN_EN
R/W
0h
Clear Input Pin Enable
Enable pin-based transition to the CLEAR state in UBM and SPI.
0h = Disabled (default); 1h = SCLR pin enabled in SPI mode or SDI
pin configured as clear input pin in UBM
6
UART_DIS
R/W
0h
UART Disable
Disable UART functionality.
0h = Disabled (default); 1h = Enabled
5
RESERVED
R
1h
Reserved. Always set this bit to 1h for proper functionality.
4
CRC_EN
R/W
1h
CRC Enable
Enable CRC for SPI.
0h = Disabled; 1h = Enabled (default)
3
IRQ_POL
R/W
0h
IRQ Polarity
0h = Active low (default); 1h = Active high
2
IRQ_LVL
R/W
1h
IRQ Level
0h = Edge sensitive
1h = Level sensitive (default)
1
DSDO
R/W
1h
SDO Hi-Z
0h = Drive SDO during CS = 0
1h = SDO always Hi-Z (default)
0
FSDO
R/W
0h
Fast SDO
SDO is driven on negative edge of SCLK.
0h = drive SDO on rising edge of SCLK (launching edge) (default)
1h = drive SDO on falling edge of SCLK (capture edge 1/2 clock
early)
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com