Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 75 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 75 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments MSP430 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
8.2.1.2.1 Start-Up Circuit
When the loop is applied to the terminals, the loop power starts up the board. Transistor Q4 from Figure 8-2 pulls
current from the start-up and current-shunt regulator sections of the transmitter. The start-up circuit is shown in
Figure 8-4.
8.2
510
249 k
1 k
330 k
200 k
3V3
10 μF
3.6-V Zener
LOOP+
Q1
Q2
Current
sourced to
loop control
Q3
Figure 8-4. Start-Up Circuit
In the start-up circuit, the 3.6-V Zener diode sets the voltage at the base of Q1. If the TLVH431B shunt regulator
has not started, apply voltage to LOOP+ and LOOP– to turn on Q1 and source current to the shunt regulator.
As the shunt regulator turns on and approaches the set voltage of 3.3 V, the base-emitter voltage (VBE) of
Q1 becomes smaller. The collector current of Q2 drives the current of the shunt regulator to set the LOOP
current going through the 40.2-Ω resistor in the current loop control circuit shown in the following section. After
the start-up circuit has started, Q1 stops supplying current because the VBE is restricted. Q1 shuts off, leaving
several microamps of current flowing through the 3.6-V Zener diode.
Take care when selecting the Zener diode. The voltage across the Zener diode varies with the loop voltage and
the temperature of the circuit. This variance can change the VBE across Q1 and change the total current going
through the start-up circuit. If the voltage is too high, the Zener diode sets Q1 to continue to source current after
the circuit starts up. If the voltage is too low, the Zener diode prevents the TLVH431B from turning on. Verify
proper start up by checking that the 3.3-V supply starts up, and that Q1 turns off when in operation.
When the circuit starts up and the 3V3 line comes up to the desired 3.3-V supply level, the current through
the TLVH431B is primarily sourced through Q2. The Q2 transistor must be able to dissipate enough power to
handle the high current (> 20 mA) and the high voltage (> 30 V) in the loop. Because the biased transistor, Q2,
is responsible for sourcing most of the output current, choose the components in the path of this current flow with
appropriate power ratings. In this case, the 8.2-Ω resistor is rated to 0.25 W.
The current mirror is set up so that the current gain from Q3 to Q2 is approximately a factor of 60 ×. The exact
current gain is not important as long as the current through Q3 is low.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com